| Electronic Components Datasheet Search |
|
USB5906C Datasheet(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5906C Datasheet(HTML) 19 Page - Microchip Technology |
|
19 / 63 page ![]() 2019 - 2021 Microchip Technology Inc. DS00003188B-page 19 USB5906C Note 2:Configuration strap values are latched on Power-On Reset (POR) and the rising edge of RESET_N (external chip reset). Configuration straps are identified by an underlined symbol name. Signals that function as configuration straps must be augmented with an external resistor when connected to a load. Refer to Section 3.5, Configuration Straps and Programmable Functions for additional information. TABLE 3-8: CONFIGURATION STRAP PIN DESCRIPTIONS Name Symbol Buffer Type Description Device Mode Configuration Strap CFG_STRAP I Device Mode Configuration Strap. This configuration strap is used to set the device mode. Refer to Section 3.5.1, CFG_STRAP Configuration for details. See Note 2 Port 6-1 D+ Disable Configuration Strap PRT_DIS_P[6:1] I Port 6-1 D+ Disable Configuration Strap. These configuration straps are used in conjunction with the corresponding PRT_DIS_M[6:1] straps to disable the related port (6-1). Refer to Section Section 3.5.2, Port Disable Configuration (PRT_DIS_P[6:1] / PRT_DIS_M[6:1]) for more information. See Note 2 Port 6-1 D- Disable Configuration Strap PRT_DIS_M[6:1] I Port 6-1 D- Disable Configuration Strap. These configuration straps are used in conjunction with the corresponding PRT_DIS_P[6:1] straps to disable the related port (6-1). Refer to Section 3.5.2, Port Disable Configuration (PRT_DIS_P[6:1] / PRT_DIS_M[6:1]) for more information. See Note 2 Non-Removable Ports Configuration Strap CFG_NON_REM I Configuration strap to control number of reported non- removal ports. See Section 3.5.3, Non-Removable Port Configuration (CFG_NON_REM) See Note 2 Battery Charging Configuration Strap CFG_BC_EN I Configuration strap to control number of BC 1.2 enabled downstream ports. See Section 3.5.4, Battery Charging Configuration (CFG_BC_EN) See Note 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |