| Electronic Components Datasheet Search |
|
USB5906C Datasheet(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5906C Datasheet(HTML) 22 Page - Microchip Technology |
|
22 / 63 page ![]() USB5906C DS00003188B-page 22 2019 - 2021 Microchip Technology Inc. 3.5.3 NON-REMOVABLE PORT CONFIGURATION ( CFG_NON_REM) The CFG_NON_REM configuration strap is used to configure the non-removable port settings of the device to one of five settings. These modes are selected by the configuration of an external resistor on the CFG_NON_REM pin. The resistor options are a 200 kΩ pull-down, 200 kΩ pull-up, 10 kΩ pull-down, 10 kΩ pull-up, 10 Ω pull-down and 10 Ω pull- up as shown in Table 3-12. 3.5.4 BATTERY CHARGING CONFIGURATION ( CFG_BC_EN) The CFG_BC_EN configuration strap is used to configure the battery charging port settings of the device to one of five settings. These modes are selected by the configuration of an external resistor on the CFG_BC_EN pin. The resistor options are a 200 kΩ pull-down, 200 kΩ pull-up, 10 kΩ pull-down, 10 kΩ pull-up, 10 Ω pull-down and 10 Ω pull-up as shown in Table 3-13. 3.5.5 GENERAL PURPOSE INPUT/OUTPUT CONFIGURATION ( GPIOx) General Purpose Inputs/Outputs may be used for application specific purposes. Any given GPIO may operate as an input or an output. Inputs can apply an internal 50k Ω pull-down or pull-up resistor. Outputs may drive low or drive high (3.3V). GPIOs may be configured and manipulated during runtime (while enumerated to a host) in one of two ways: • SMBus configuration • USB to GPIO bridging 3.5.5.1 SMBus configuration The SMBus slave interface may be used to write to internal registers that configure the state of the GPIO. Refer to the “Configuration Options for Microchip USB58xx and USB59xx Hubs” application note for additional details. 3.5.5.2 USB to GPIO Bridging USB to GPIO Bridging may be used to write to internal registers that configure the state of the GPIO. USB to GPIO bridging operates via host communication to the hub’s internal Hub Feature Controller. Refer to the “USB to GPIO Bridg- ing for Microchip USB3.1 Gen 1 Hubs” application note for additional details. TABLE 3-12: CFG_NON_REM RESISTOR ENCODING CFG_NON_REM Resistor Value Setting 200 kΩ Pull-Down All ports removable 200 kΩ Pull-Up Port 1 non-removable 10 kΩ Pull-Down Port 1, 2 non-removable 10 kΩ Pull-Up Port 1, 2, 3, non-removable 10 Ω Pull-Down Port 1, 2, 3, 4 non-removable 10 Ω Pull-Up Port 1, 2, 3, 4, 5, 6 non-removable TABLE 3-13: CFG_BC_EN RESISTOR ENCODING CFG_BC_EN Resistor Value Setting 200 kΩ Pull-Down No battery charging 200 kΩ Pull-Up Port 1 battery charging 10 kΩ Pull-Down Port 1, 2 battery charging 10 kΩ Pull-Up Port 1, 2, 3, battery charging 10 Ω Pull-Down Port 1, 2, 3, 4 battery charging 10 Ω Pull-Up Port 1, 2, 3, 4, 5, 6 battery charging |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |