| Electronic Components Datasheet Search |
|
USB5906C Datasheet(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5906C Datasheet(HTML) 16 Page - Microchip Technology |
|
16 / 63 page ![]() USB5906C DS00003188B-page 16 2019 - 2021 Microchip Technology Inc. USB Type-C Alternative Orientation B Attach 0 ATTACH_MUX0B I (PD) “Type-C Control Mode 2” USB Type-C attach for “Orienta- tion B” USB Type-C connections. This mode of control is an alternative to the C_AT- TACH[0:2] and AB0 pins.To select this mode, the ALT_MUX_EN pin must be high. When this pin asserted, the hub enables the “Orientation B” USB 3.1 Gen 1 PHY of the associated port. When there is no USB Type-C connection present and this pin is not asserted, the associated USB 3.1 Gen 1 PHY is disabled to reduce power consumption. The polarity of this input is controlled via the CC_POL pin. If CC_POL is low, this pin behaves as follows: - 1: USB Type-C attach detected, turn respective “Orientation B” USB 3.1 Gen 1 PHY on. - 0: No USB Type-C attach detected, turn respec- tive “Orientation B” USB 3.1 Gen 1 PHY off. If CC_POL is high, this pin behaves as follows: - 1: No USB Type-C attach detected, turn respec- tive “Orientation B” USB 3.1 Gen 1 PHY off. - 0: USB Type-C attach detected, turn respective “Orientation A” USB 3.1 Gen 1 PHY on. Attach Polarity Control CC_POL I (PD) USB C_ATTACH polarity control input. If this pin is low, the C_ATTACH[0:2], AB0, ATTACH_MUX0A, and ATTACH_MUX0B pins are active high. If this pin is high, the C_ATTACH[0:2], AB0, ATTACH_MUX0A, and ATTACH_MUX0B pins are active low. This pin has an internal pull-down enabled. If the desired strapping is to pull this pin low, then this pin may be left unconnected. TABLE 3-6: USB TYPE-C CONNECTOR CONTROLS (CONTINUED) Name Symbol Buffer Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |