| Electronic Components Datasheet Search |
|
USB5906C Datasheet(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5906C Datasheet(HTML) 21 Page - Microchip Technology |
|
21 / 63 page ![]() 2019 - 2021 Microchip Technology Inc. DS00003188B-page 21 USB5906C 3.5 Configuration Straps and Programmable Functions Configuration straps are multi-function pins that are used during Power-On Reset (POR) or external chip reset ( RESET_N) to determine the default configuration of a particular feature. The state of the signal is latched following de- assertion of the reset. Configuration straps are identified by an underlined symbol name. This section details the various device configuration straps and associated programmable pin functions. 3.5.1 CFG_STRAP CONFIGURATION The CFG_STRAP pin is used to place the hub into preset modes of operation. The resistor options are a 200 kΩ pull- down, 200 kΩ pull-up, 10 kΩ pull-down, 10 kΩ pull-up, 10 Ω pull-down, and 10 Ω pull-up as shown in Table 3-11. 3.5.2 PORT DISABLE CONFIGURATION ( PRT_DIS_P[6:1] / PRT_DIS_M[6:1]) The PRT_DIS_P[6:1] and PRT_DIS_M[6:1] configuration straps are used in conjunction to disable the related port (6-1). For PRT_DIS_Px (where x is the corresponding port 6-1): 0 = Port x D+ Enabled 1 = Port x D+ Disabled For PRT_DIS_Mx (where x is the corresponding port 6-1): 0 = Port x D- Enabled 1 = Port x D- Disabled Note: The system designer must guarantee that configuration straps meet the timing requirements specified in Section 10.6.2, Power-On and Configuration Strap Timing and Section 10.6.3, Reset and Configuration Strap Timing. If configuration straps are not at the correct voltage level prior to being latched, the device may capture incorrect strap values. TABLE 3-11: CFG_STRAP RESISTOR ENCODING CFG_STRAP Resistor Value Config Setting 200 kΩ Pull-Down CONFIG1 I2C Bridging Mode The SMBus interface will operate in Master Mode for use with USB to I2C bridg- ing function. For more information on USB to I2C bridging with the USB5806C, refer to the “USB to I2C Using Microchip USB 3.1 Gen 1 Hubs” application note. 200 kΩ Pull-Up CONFIG2 SMBus Slave Mode The SMBus interface will operate in Slave Mode for use with hub configuration. 10 kΩ Pull-Down CONFIG3 Unused, Reserved 10 kΩ Pull-Up CONFIG4 Unused, Reserved 10 Ω Pull-Down CONFIG5 Unused, Reserved 10 Ω Pull-Up CONFIG6 Unused, Reserved Note: Both PRT_DIS_Px and PRT_DIS_Mx (where x is the corresponding port) must be tied to 3.3 V to disable the associated downstream port. Disabling the USB 2.0 port will also disable the corresponding USB 3.2 Gen 1 port. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |