Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843404 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS843404
Description  LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843404 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS843404 Datasheet HTML 6Page - Integrated Circuit Systems ICS843404 Datasheet HTML 7Page - Integrated Circuit Systems ICS843404 Datasheet HTML 8Page - Integrated Circuit Systems ICS843404 Datasheet HTML 9Page - Integrated Circuit Systems ICS843404 Datasheet HTML 10Page - Integrated Circuit Systems ICS843404 Datasheet HTML 11Page - Integrated Circuit Systems ICS843404 Datasheet HTML 12Page - Integrated Circuit Systems ICS843404 Datasheet HTML 13Page - Integrated Circuit Systems ICS843404 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
843404AG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 17, 2005
10
Integrated
Circuit
Systems, Inc.
ICS843404
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND
LVDS CLOCK GENERATOR
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS843404 provides sepa-
rate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD, VDDA, and
V
DDO_X should be individually connected to the power sup-
ply plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required. Figure 1 illustrates how
a 24
Ω resistor along with a 10µF and a .01μF bypass
capacitor should be connected to each V
DDA. The 24Ω resis-
tor can also be replaced by a ferrite bead.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
24
Ω
V
DDA
10
μF
.01
μF
3.3V
.01
μF
V
DD
CRYSTAL INPUT INTERFACE
The ICS843404 has been characterized with 18pF parallel
resonant crystals. The capacitor values shown in Figure 2
Figure 2. CRYSTAL INPUt INTERFACE
below were determined using a 25.5MHz 18pF parallel
resonant crystal and were chosen to minimize the ppm
error.
ICS843404
C1
18p
X1
18pF Parallel Crystal
C2
22p
XTAL_OUT
XTAL_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com