Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843404 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS843404
Description  LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843404 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS843404 Datasheet HTML 8Page - Integrated Circuit Systems ICS843404 Datasheet HTML 9Page - Integrated Circuit Systems ICS843404 Datasheet HTML 10Page - Integrated Circuit Systems ICS843404 Datasheet HTML 11Page - Integrated Circuit Systems ICS843404 Datasheet HTML 12Page - Integrated Circuit Systems ICS843404 Datasheet HTML 13Page - Integrated Circuit Systems ICS843404 Datasheet HTML 14Page - Integrated Circuit Systems ICS843404 Datasheet HTML 15Page - Integrated Circuit Systems ICS843404 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
843404AG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 17, 2005
12
Integrated
Circuit
Systems, Inc.
ICS843404
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND
LVDS CLOCK GENERATOR
TERMINATION FOR 3.3V LVPECL OUTPUT
V
CC - 2V
50
Ω
50
Ω
RTT
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
RTT =
Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
125
Ω
125
Ω
84
Ω
84
Ω
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
The clock layout topology shown below is a typical termi-
nation for LVPECL outputs. The two different layouts men-
tioned are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, ter-
minating resistors (DC current path to ground) or current
sources must be used for functionality. These outputs are
FIGURE 4B. LVPECL OUTPUT TERMINATION
FIGURE 4A. LVPECL OUTPUT TERMINATION
designed to drive 50
Ω transmission lines. Matched imped-
ance techniques should be used to maximize operating
frequency and minimize signal distortion. Figures 4A and
4B show two different layouts which are recommended
only as guidelines. Other suitable clock layouts may exist
and it would be recommended that the board designers
simulate to guarantee compatibility across all printed cir-
cuit and clock component process variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com