Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843404 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS843404
Description  LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843404 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS843404 Datasheet HTML 10Page - Integrated Circuit Systems ICS843404 Datasheet HTML 11Page - Integrated Circuit Systems ICS843404 Datasheet HTML 12Page - Integrated Circuit Systems ICS843404 Datasheet HTML 13Page - Integrated Circuit Systems ICS843404 Datasheet HTML 14Page - Integrated Circuit Systems ICS843404 Datasheet HTML 15Page - Integrated Circuit Systems ICS843404 Datasheet HTML 16Page - Integrated Circuit Systems ICS843404 Datasheet HTML 17Page - Integrated Circuit Systems ICS843404 Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
843404AG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 17, 2005
14
Integrated
Circuit
Systems, Inc.
ICS843404
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND
LVDS CLOCK GENERATOR
LAYOUT GUIDELINE
Figure 6 shows a schematic example of the ICS843404. An
example of LVEPCL termination is shown in this schematic.
Additional LVPECL termination approaches are shown in the
LVPECL Termination Application Note. In this example, an
FIGURE 6. ICS843404 SCHEMATIC EXAMPLE
18pF parallel resonant 25.5MHz crystal is used. The C1=27pF
and C2=33pF are recommended for frequency accuracy. For
different board layout, the C1 and C2 may be slightly ad-
justed for optimizing frequency accuracy.
C1
18pF
C6
0.1u
X1
25.5 MHz
VDD
Zo = 50
VDDO
(U1,26)
C4
0.1u
U1
ICS843404
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
24
23
22
21
25
26
27
28
MR
VCO_SEL
VDDO_LVDS
LVDS0
nLVDS0
LVDS1
nLVDS1
nc
LVPECL_FSELB0
LVPECL_FSELB1
nc
VDDA
LVPECL_FSELA0
VDD
LVPECL_FSELA1
XTAL_OUT
XTAL_IN
GND
GND
TEST_CLK
nLVPECLA0
LVPECLB0
nLVPECLB0
XTAL_SEL
LVPECLA0
VDDO_LVPECL
LVDS_FSEL1
LVDS_FSEL0
R2
50
C7
0.1u
VDD = 3.3V
+
-
Zo = 50
+
-
R7
24
C3
10u
C5
0.1u
R4
100
Zo = 50
Zo = 50
R3
50
R1
50
(U1,3)
C2
22pF
VDDO
VDDO = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com