Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843404 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS843404
Description  LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843404 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS843404 Datasheet HTML 7Page - Integrated Circuit Systems ICS843404 Datasheet HTML 8Page - Integrated Circuit Systems ICS843404 Datasheet HTML 9Page - Integrated Circuit Systems ICS843404 Datasheet HTML 10Page - Integrated Circuit Systems ICS843404 Datasheet HTML 11Page - Integrated Circuit Systems ICS843404 Datasheet HTML 12Page - Integrated Circuit Systems ICS843404 Datasheet HTML 13Page - Integrated Circuit Systems ICS843404 Datasheet HTML 14Page - Integrated Circuit Systems ICS843404 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
843404AG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 17, 2005
11
Integrated
Circuit
Systems, Inc.
ICS843404
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND
LVDS CLOCK GENERATOR
INPUTS:
CRYSTAL INPUT:
For applications not requiring the use of the crystal oscillator
input, both XTAL_IN and XTAL_OUT can be left floating.
Though not required, but for additional protection, a 1k
Ω
resistor can be tied from XTAL_IN to ground.
TEST_CLK INPUT:
For applications not requiring the use of the clock, it can be
left floating. Though not required, but for additional protection,
a 1k
Ω resistor can be tied from the TEST_CLK to ground.
LVCMOS CONTROL PINS:
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVPECL OUTPUT
All unused LVPECL outputs can be left floating. We
recommend that there is no trace attached. Both sides of the
differential output pair should either be left floating or
terminated.
LVDS OUTPUT
All unused LVDS output pairs can be either left floating or
terminated with 100
Ω across. If they are left floating, we
recommend that there is no trace attached.
LVDS DRIVER TERMINATION
A general LVDS interface is shown in Figure 3. In a 100
Ω
differential transmission line environment, LVDS drivers
require a matched load termination of 100
Ω across near
100 Ohm Differiential Transmission Line
R1
100
3.3V
+
-
LVDS_Driv er
3.3V
FIGURE 3. TYPICAL LVDS DRIVER TERMINATION
the receiver input. For a multiple LVDS outputs buffer, if only
partial outputs are used, it is recommended to terminate the
un-used outputs.
100
Ω
Ω
Ω
Ω
Ω Differential Transmission Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com