Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7622ACPD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 4Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 5Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 6Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 7Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 8Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 9Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 10Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 11Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
ICL76XXA
ICL76XXB
ICL76XXD
UNITS
MIN
TYP MAX MIN
TYP
MAX
MIN
TYP MAX
Large-Signal
Voltage Gain
AVOL
VO =
±4.0V
RL =
1MΩ,
IQ =
10µA
TA =
+25°C
86
104
80
104
80
104
dB
C: 0°C
≤ TA ≤
+70°C
80
75
75
E: -40°C
≤ TA ≤
+85°C
74
68
68
M: -55°C
≤ TA ≤
+125°C
74
68
68
VO =
±4.0V,
RL =
100kΩ,
IQ =
100µA
TA =
+25°C
86
102
80
102
80
102
C: 0°C
≤ TA ≤
+70°C
80
75
75
E: -40°C
≤ TA ≤
+85°C
74
68
68
M: -55°C
≤ TA ≤
+125°C
74
68
68
VO =
±4.0V,
RL =
10kΩ,
IQ = 1mA
(Note 3)
TA =
+25°C
80
83
76
83
76
83
C: 0°C
≤ TA ≤
+70°C
76
72
72
E: -40°C
≤ TA ≤
+85°C
72
68
68
M: -55°C
≤ TA ≤
+125°C
72
68
68
Electrical Characteristics (Single/Dual) (continued)
ICL761X–ICL764X
Single/Dual/Triple/Quad
Operational Amplifiers
www.maximintegrated.com
Maxim Integrated │ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com