Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7622ACPD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 5 Page - Maxim Integrated Products

  ICL7622ACPD Datasheet HTML 1Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 2Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 3Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 4Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 5Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 6Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 7Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 8Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)
(VSUPP = ±1.0V, IQ = 10μA, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
ICL76XXA
ICL76XXB
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Large-Signal Voltage
Gain
AVOL
VO = ±0.1V, RL = 1MΩ,
TA = +25°C
90
90
dB
VO = ±0.1V, RL = 1MΩ,
0°C ≤ TA ≤ +70°C
80
80
Unity-Gain Bandwidth
GBW
0.044
0.044
MHz
Input Resistance
RIN
1012
1012
Ω
Common-Mode
Rejection Ratio
CMRR
RS ≤ 100kΩ
80
80
dB
Power-Supply
Rejection Ratio
PSRR
RS ≤ 100kΩ
80
80
dB
Input-Referred Noise
Voltage
en
RS = 100Ω, f = 1kHz
100
100
nV/√Hz
Input-Referred Noise
Current
in
RS = 100Ω, f = 1kHz
0.01
0.01
pA/√Hz
Supply Current
(Per Amplifier)
ISUPP
No signal, no load
6
15
6
15
µA
Slew Rate
SR
AVOL = 1, CL = 100pF,
VIN = 0.2VP-P, RL = 1MΩ
0.016
0.016
V/µs
Rise Time
tr
VIN = 50mV, CL = 100pF,
RL = 1MΩ
20
20
µs
Overshoot Factor
VIN = 50mV, CL = 100pF,
RL = 1MΩ
5
5
%
PARAMETER
SYMBOL
CONDITIONS
ICL76XXA
ICL76XXB
ICL76XXD
UNITS
MIN
TYP MAX MIN
TYP
MAX
MIN
TYP MAX
Input Offset
Voltage
VOS
RS ≤ 100kΩ,
TA = +25°C
2
5
15
mV
RS ≤ 100kΩ,
TMIN ≤ TA ≤ TMAX
3
7
20
Temperature
Coefficient of VOS
ΔVOS/ΔT RS ≤ 100kΩ
10
15
25
µV/°C
Input Offset
Current
IOS
TA = +25°C
0.5
30
0.5
30
0.5
30
pA
C: 0°C ≤ TA ≤ +70°C
300
300
300
E: -40°C ≤ TA ≤
+85°C
800
800
800
M: -55°C ≤ TA ≤
+125°C
800
800
800
Electrical Characteristics (Single/Dual)
Electrical Characteristics (Single/Dual) (continued)
ICL761X–ICL764X
Single/Dual/Triple/Quad
Operational Amplifiers
www.maximintegrated.com
Maxim Integrated │ 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com