Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7622ACPD Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 13Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 14Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 15Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 16Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 17Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 18Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 19Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 20Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)
Note 7: Does not apply to ICL7641.
Note 8: Does not apply to ICL7642.
Note 9: ICL7631/ICL7632 only.
Note 10: Does not apply to ICL7632.
(TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
ICL76XXB
ICL76XXC
ICL76XXE
UNITS
MIN TYP MAX
MIN
TYP
MAX
MIN TYP MAX
Rise Time
(Note 10)
tr
VIN =
50mV,
CL =
100pF
IQ = 10µA
(Note 7),
RL = 1MΩ
20
20
20
µs
IQ = 100µA,
RL = 100kΩ
2
2
2
IQ = 1mA
(Note 8),
RL = 10kΩ
0.9
0.9
0.9
Overshoot Factor
(Note 10)
VIN =
50mV,
CL =
100pF
IQ = 10µA
(Note 7),
RL = 1MΩ
5
5
5
%
IQ = 100µA,
RL = 100kΩ
10
10
10
IQ = 1mA
(Note 8),
RL = 10kΩ
40
40
40
Electrical Characteristics (Triple/Quad) (continued)
Typical Operating Characteristics
MAXIMUM PEAK-TO-PEAK
VOLTAGE AS A FUNCTION OF
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE – °C
+100
+50
VSUPP = 10 VOLTS
IQ = 1mA
RL = │2│kΩ
RL = 10kΩ
RL = 100kΩ
+25
0
-25
-50
2
4
6
8
10
12
0
-75
+125
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE AS A
FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE – VOLTS
14
12
TA = │+│25°C
IQ = 1mA
10
8
6
4
4
6
10
8
12
14
16
2
2
16
ICL761X–ICL764X
Single/Dual/Triple/Quad
Operational Amplifiers
www.maximintegrated.com
Maxim Integrated │ 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com