Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7622ACPD Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 14Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 15Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 16Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 17Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 18Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 19Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 20Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 21Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
(TA = +25°C, unless otherwise noted.)
PEAK-TO-PEAK OUTPUT VOLTAGE
AS A FUNCTION OF FREQUENCY
FREQUENCY – Hz
TA = +25°C
IQ = 1mA
IQ = 10µA
IQ = 100µA
VSUPP = 16V
VSUPP = 10V
VSUPP = + 2V
1M
100k
10k
1k
4
2
6
10
8
16
14
12
0
100
10M
LARGE SIGNAL DIFFERENTIAL
VOLTAGE GAIN AS A FUNCTION
OF FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE – °C
RL = 10kΩ
IQ = 1mA
RL = 100kΩ
IQ = 100µA
RL = 1MΩ
IQ = 10µA
VSUPP = 10 VOLTS
VOUT = 8 VOLTS
+100
+75
+25 +50
-25
0
1000
100
10
1
-75 -50
+125
MAXIMUM OUTPUT
SINK CURRENT AS A
FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE – VOLTS
14
12
IQ = 10µA
IQ = 100µA
IQ = 1mA
8
10
6
4
2
1.0
0.1
0.01
10
0
16
SUPPLY CURRENT PER AMPLIFIER
AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE – VOLTS
14
12
TA = +25°C
NO LOAD
NO SIGNAL
IQ = 1mA
IQ = 100µA
IQ = 10µA
8
10
6
4
2
10
100
1k
10k
1
0
16
POWER SUPPLY REJECTION
RATIO AS A FUNCTION OF
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE – °C
IQ = 1mA
IQ = 100µA
IQ = 10µA
VSUPP = 10V
+100
+75
+25 +50
-25
0
70
75
85
80
100
95
90
65
-75 -50
+125
LARGE SIGNAL DIFFERENTIAL
VOLTAGE GAIN AND PHASE SHIFT
AS A FUNCTION OF FREQUENCY
FREQUENCY – Hz
VSUPP = 16V
IQ = 100µA
IQ = 1mA
PHASE SHIFT
│IQ = 1mA│
IQ = 10µA
100k
1k
10k
10
100
107
106
105
104
103
102
10
1
0°
45°
90°
135°
180°
0.1
1
1M
Typical Operating Characteristics (continued)
ICL761X–ICL764X
Single/Dual/Triple/Quad
Operational Amplifiers
Maxim Integrated │ 18
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com