Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2152 Datasheet(PDF) 64 Page - Maxim Integrated Products

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2152 Datasheet(HTML) 64 Page - Maxim Integrated Products

Back Button DS2152 Datasheet HTML 60Page - Maxim Integrated Products DS2152 Datasheet HTML 61Page - Maxim Integrated Products DS2152 Datasheet HTML 62Page - Maxim Integrated Products DS2152 Datasheet HTML 63Page - Maxim Integrated Products DS2152 Datasheet HTML 64Page - Maxim Integrated Products DS2152 Datasheet HTML 65Page - Maxim Integrated Products DS2152 Datasheet HTML 66Page - Maxim Integrated Products DS2152 Datasheet HTML 67Page - Maxim Integrated Products DS2152 Datasheet HTML 68Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
DS2152
64 of 97
RBOC: RECEIVE BOC REGISTER (Address = 04 Hex)
(MSB)
(LSB)
LBD
BD
BOC5
BOC4
BOC3
BOC2
BOC1
BOC0
SYMBOL
POSITION
NAME AND DESCRIPTION
LBD
RBOC.7
Latched BOC Detected. A latched version of the BD status bit
(RBOC.6). Will be cleared when read.
BD
RBOC.6
BOC Detected. A real-time bit that is set high when the BOC
detector is presently seeing a valid sequence and set low when
no BOC is currently being detected.
BOC5
RBOC.5
BOC Bit 5. Last bit received of the 6-bit codeword.
BOC4
RBOC.4
BOC Bit 4.
BOC3
RBOC.3
BOC Bit 3.
BOC2
RBOC.2
BOC Bit 2.
BOC1
RBOC.1
BOC Bit 1.
BOC0
RBOC.0
BOC Bit 0. First bit received of the 6-bit codeword.
Note 1: The LBD bit is latched and will be cleared when read.
Note 2: The RBOC0 to RBOC5 bits display the last valid BOC code verified; these bits will be set to all 1s on reset.
RFFR: RECEIVE FDL FIFO REGISTER (Address = 05 Hex)
(MSB)
(LSB)
FDL7
FDL6
FDL5
FDL4
FDL3
FDL2
FDL1
FDL0
SYMBOL
POSITION
NAME AND DESCRIPTION
FDL7
RFFR.7
FDL Data Bit 7. MSB of a HDLC packet data byte.
FDL6
RFFR.6
FDL Data Bit 6.
FDL5
RFFR.5
FDL Data Bit 5.
FDL4
RFFR.4
FDL Data Bit 4.
FDL3
RFFR.3
FDL Data Bit 3.
FDL2
RFFR.2
FDL Data Bit 2.
FDL1
RFFR.1
FDL Data Bit 1.
FDL0
RFFR.0
FDL Data Bit 0. LSB of a HDLC packet data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com