Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2152 Datasheet(PDF) 74 Page - Maxim Integrated Products

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2152 Datasheet(HTML) 74 Page - Maxim Integrated Products

Back Button DS2152 Datasheet HTML 70Page - Maxim Integrated Products DS2152 Datasheet HTML 71Page - Maxim Integrated Products DS2152 Datasheet HTML 72Page - Maxim Integrated Products DS2152 Datasheet HTML 73Page - Maxim Integrated Products DS2152 Datasheet HTML 74Page - Maxim Integrated Products DS2152 Datasheet HTML 75Page - Maxim Integrated Products DS2152 Datasheet HTML 76Page - Maxim Integrated Products DS2152 Datasheet HTML 77Page - Maxim Integrated Products DS2152 Datasheet HTML 78Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 97 page
background image
DS2152
74 of 97
14 TRANSMIT TRANSPARENCY
Each of the 24 T1 channels in the transmit direction of the DS2152 can be either forced to be transparent
or, in other words, can be forced to stop Bit 7 Stuffing and/or Robbed Signaling from overwriting the data
in the channels. Transparency can be invoked on a channel-by-channel basis by properly setting the
TTR1, TTR2, and TTR3 registers.
TTR1/TTR2/TTR3: TRANSMIT TRANSPARENCY REGISTER
(Address = 39 to 3B Hex)
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TTR1 (39)
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TTR2 (3A)
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TTR3 (3B)
SYMBOL
POSITION
NAME AND DESCRIPTION
CH24
TTR3.7
Transmit Transparency Registers.
0 = this DS0 channel is not transparent
CH1
TTR1.0
1 = this DS0 channel is transparent
Each of the bit positions in the Transmit Transparency Registers (TTR1/TTR2/TTR3) represents a DS0
channel in the outgoing frame. When these bits are set to a 1, the corresponding channel is transparent (or
clear). If a DS0 is programmed to be clear, no robbed-bit signaling will be inserted nor will the channel
have Bit 7 stuffing performed. However, in the D4 framing mode, bit 2 will be overwritten by a 0 when a
Yellow Alarm is transmitted. Also, the user has the option to prevent the TTR registers from determining
which channels are to have Bit 7 stuffing performed. If the TCR2.0 and TCR1.3 bits are set to 1, then all
24 T1 channels will have Bit 7 stuffing performed on them regardless of how the TTR registers are
programmed. In this manner, the TTR registers are only affecting which channels are to have robbed-bit
signaling inserted into them. See Figure 16-11 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com