Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2152 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2152 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS2152 Datasheet HTML 25Page - Maxim Integrated Products DS2152 Datasheet HTML 26Page - Maxim Integrated Products DS2152 Datasheet HTML 27Page - Maxim Integrated Products DS2152 Datasheet HTML 28Page - Maxim Integrated Products DS2152 Datasheet HTML 29Page - Maxim Integrated Products DS2152 Datasheet HTML 30Page - Maxim Integrated Products DS2152 Datasheet HTML 31Page - Maxim Integrated Products DS2152 Datasheet HTML 32Page - Maxim Integrated Products DS2152 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
DS2152
29 of 97
CCR6: COMMON CONTROL REGISTER 6 (Address = 1E Hex)
(MSB)
(LSB)
RJC
—
—
RCM4
RCM3
RCM2
RCM1
RCM0
SYMBOL
POSITION
NAME AND DESCRIPTION
RJC
CCR6.7
Receive Japanese CRC6 Enable.
0 = use ANSI/AT&T/ITU CRC6 calculation (normal operation)
1 = use Japanese standard JT-G704 CRC6 calculation
—
CCR6.6
Not Assigned. Should be set to 0 when written.
—
CCR6.5
Not Assigned. Should be set to 0 when written.
RCM4
CCR6.4
Receive Channel Monitor Bit 4. MSB of a channel decode that
determines which receive channel data will appear in the
RDS0M register. See Section 7 for details.
RCM3
CCR6.3
Receive Channel Monitor Bit 3.
RCM2
CCR6.2
Receive Channel Monitor Bit 2.
RCM1
CCR6.1
Receive Channel Monitor Bit 1.
RCM0
CCR6.0
Receive Channel Monitor Bit 0. LSB of the channel decode.
CCR7: COMMON CONTROL REGISTER 7 (Address = 0A Hex)
(MSB)
(LSB)
LIRST
RLB
—
—
—
—
—
—
SYMBOL
POSITION
NAME AND DESCRIPTION
LIRST
CCR7.7
Line Interface reset. Setting this bit from a 0 to a 1 will initiate
an internal reset that affects the clock recovery state machine and
jitter attenuator. Normally this bit is only toggled on power-up.
Must be cleared and set again for a subsequent reset.
RLB
CCR7.6
Remote Loopback.
0 = loopback disabled
1 = loopback enabled
—
CCR7.5 to
CCR7.0
Not Assigned. Should be set to 0 when written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com