Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2152 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2152 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2152 Datasheet HTML 5Page - Maxim Integrated Products DS2152 Datasheet HTML 6Page - Maxim Integrated Products DS2152 Datasheet HTML 7Page - Maxim Integrated Products DS2152 Datasheet HTML 8Page - Maxim Integrated Products DS2152 Datasheet HTML 9Page - Maxim Integrated Products DS2152 Datasheet HTML 10Page - Maxim Integrated Products DS2152 Datasheet HTML 11Page - Maxim Integrated Products DS2152 Datasheet HTML 12Page - Maxim Integrated Products DS2152 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
DS2152
9 of 97
2 PIN DESCRIPTION
PIN
NAME
TYPE
FUNCTION
1
RCHBLK
O
Receive Channel Block
2, 4, 5,
7–10, 15, 23,
26, 27, 28,
36, 54, 76
N.C.
—
No Connection. These pins should be left o
pen circuited.
3
8MCLK
O
8.192MHz Clock
6
RCL
O
Receive Carrier Loss
11
BTS
I
Bus Type Select
12
LIUC
I
Line Interface Connect
13
8XCLK
O
Eight Times Clock
14
TEST
I
Test
16
RTIP
I
Receive Analog Tip Input
17
RRING
I
Receive Analog Ring Input
18
RVDD
—
Receive Analog Positive Supply
19, 20, 24
RVSS
—
Receive Analog Signal Ground
21
MCLK
I
Master Clock Input
22
XTALD
O
Quartz Crystal Driver
25
INT
O
Active-Low Interrupt
29
TTIP
O
Transmit Analog Tip Output
30
TVSS
—
Transmit Analog Signal Ground
31
TVDD
—
Transmit Analog Positive Supply
32
TRING
O
Transmit Analog Ring Output
33
TCHBLK
O
Transmit Channel Block
34
TLCLK
O
Transmit Link Clock
35
TLINK
I
Transmit Link Data
37
TSYNC
I/O
Transmit Sync
38
TPOSI
I
Transmit Positive Data Input
39
TNEGI
I
Transmit Negative Data Input
40
TCLKI
I
Transmit Clock Input
41
TCLKO
O
Transmit Clock Output
42
TNEGO
O
Transmit Negative Data Output
43
TPOSO
O
Transmit Positive Data Output
44, 61, 81,
83
DVDD
—
Digital Positive Supply
45, 60, 80,
84
DVSS
—
Digital Signal Ground
46
TCLK
I
Transmit Clock
47
TSER
I
Transmit Serial Data
48
TSIG
I
Transmit Signaling Input
49
TESO
O
Transmit Elastic Store Output
50
TDATA
I
Transmit Data
51
TSYSCLK
I
Transmit System Clock
52
TSSYNC
I
Transmit System Sync
53
TCHCLK
O
Transmit Channel Clock
55
MUX
I
Bus Operation
56
D0/AD0
I/O
Data Bus Bit 0/Address/Data Bus Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com