Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z84C9012VSC Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z84C9012VSC
Description  KIO Serial/Parallel Counter Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z84C9012VSC Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z84C9012VSC Datasheet HTML 9Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 10Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 11Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 12Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 13Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 14Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 15Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 16Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Z84C90
KIO Serial/Parallel Counter Timer
PS011802-0902
8
• SIO channels disabled
• Marking with interrupts disabled.
All control registers must be rewritten after a hardware reset.
RTSA, RTSB. Request to Send (outputs, Active Low). These signals are modem control
signals for their serial channels. They follow the inverse state programmed into their
respective serial channels, and are multiplexed with Port C, bits 4 and 3, respectively.
RxCA, RxCB. Receive Clock (inputs, Active Low). These clocks are used to assemble
the data in the receiver shift register for their serial channels. Data is sampled on the rising
edge of the clock.
RxDA, RxDB. Receive Data (inputs, Active High). These pins are the input data pins to
the receive shift register for their serial channels.
SYNCA, SYNCB. Synchronization (bidirectional, Active Low). In the Asynchronous
mode of operation, these pins act much like the CTS and DCD pins. Transitions affect the
Sync/Hunt status bit for their respective serial channels, but serve no other purpose. These
pins are multiplexed with Port C, bits 6 and 1, respectively.
TxCA, TxCB. Transmit Clock (inputs, Active Low). These clocks are used to transmit
data from the transmit shift register for their serial channels. Data is transmitted on the
falling edge of the clock.
TxDA, TxDB. Transmit Data (outputs, Active High). These pins are the output data pins
from the transmitter for their serial channels.
WT/RDYA, WT/RDYB. Wait/Ready (outputs, open-drain when programmed as Wait;
tristated when programmed as Ready). These pins may be programmed as Ready lines for
a DMA controller or Wait lines for interfacing to a CPU. As a Ready line, these pins indi-
cate (when Active Low) that the transmitter or the receiver requests a transfer between the
serial channel and the DMA. As a Wait line, these pins dictate (when Low) that the CPU
must wait until the transmitter or receiver can complete the requested transaction. These
pins are multiplexed with Port C, bit 7 and 0, respectively.
XTALI. Crystal/Clock Connection. (input).
XTALO. Crystal Connection. (output).
ZC/TO0–ZC/TO3. Zero count/Time-out (outputs, Active High). These four pins are out-
puts from the four counter/timer channels of the KIO. Each pin pulses High when its cor-
responding downcounter reaches 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com