| Electronic Components Datasheet Search |
|
Z84C9012VSC Datasheet(PDF) 30 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z84C9012VSC Datasheet(HTML) 30 Page - Zilog, Inc. |
|
30 / 31 page ![]() Z84C90 KIO Serial/Parallel Counter Timer PS011802-0902 25 Precautions & Limitations The following describe the limitations of Revision A of the Z84C90 KIO. Problem: Daisy-chain. If the KIO has an Interrupt Pending during and Interrupt Acknowledge cycle, KIO misses the status of the IE1 pin. This produces vector contention if there is a higher interrupting device. It works fine if only one device is in the system. Work Around: There is no problem if the application has only one peripheral in the daisy chain. For two or more peripherals in the system, a “hardware workaround circuit” is needed. Please con- tact your local Zilog representatives to get more detailed information. Problem: Reset. KIO requires the M1 signal to exit from Reset state. If the M1 signal is not received, the KIO can not be programmed. This is not a problem for users of the Z80 CPU. Workaround: If the CPU is other than a Z80, an M1 signal is needed to exit RESET status. Otherwise, the KIO can not be programmed. Problem: Port C. When Port C is used as Parallel I/O (not as SIO’s modem signals) and there is a status change on PC1 or PC6, the status of SYNCA or SYNCB (SIO cell) also changes. Work Around: Before using Port C as a parallel port, set the SIO modem signal mode back to Port C. This procedure avoids the problem. Problem: Interrupt Acknowledge cycle. The KIO modifies the contents of the KIO control register (specifically, the KIO modifies the daisy-chain configuration) if the CE pin is active dur- ing the Interrupt Acknowledge cycle (with other conditions satisfied). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |