Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8932320FSC Datasheet(PDF) 28 Page - Zilog, Inc.

Part # Z8932320FSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8932320FSC Datasheet(HTML) 28 Page - Zilog, Inc.

Back Button Z8932320FSC Datasheet HTML 24Page - Zilog, Inc. Z8932320FSC Datasheet HTML 25Page - Zilog, Inc. Z8932320FSC Datasheet HTML 26Page - Zilog, Inc. Z8932320FSC Datasheet HTML 27Page - Zilog, Inc. Z8932320FSC Datasheet HTML 28Page - Zilog, Inc. Z8932320FSC Datasheet HTML 29Page - Zilog, Inc. Z8932320FSC Datasheet HTML 30Page - Zilog, Inc. Z8932320FSC Datasheet HTML 31Page - Zilog, Inc. Z8932320FSC Datasheet HTML 32Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Z89223/273/323/373
16-Bit Digital Signal Processors with A/D Converter
ZiLOG
28
DS000202-DSP0599
REGISTERS (Continued)
The following are not actually registers, but are read or writ-
ten in the same way as hardware registers on the chip:
BUS
is a read-only register which, when accessed, returns
the contents of the D-Bus. BUS is used for emulation only.
Dn:b
refers to locations in RAM that can be used as a pointer
to locations in program memory which is efficient for co-
efficient addressing. The programmer decides which loca-
tion to choose from two bits in the status register and two
bits in the operand. Thus, only the lower 16 possible loca-
tions in RAM can be specified. At any one time, there are
eight usable pointers, four per bank, and the four pointers
are in consecutive locations in RAM. For example, if
S3/S4=01 in the status register, then D0:0/D1:0/D2:0/D3:0
refer to register locations 4/5/6/7 in RAM Bank 0. Note that
when the data pointers are being written to, a number is ac-
tually being loaded to Data RAM, so they can be used as a
limited method for writing to RAM.
EXTn
are external registers (n = 0 to 6). These are seven
16-bit register addresses provided for mapping internal and
external peripherals into the address space of the processor.
Note that for external peripherals the actual register RAM
does not exist on the chip, but would exist as part of the ex-
ternal device, such as an A/D result latch. The External Ad-
dress Bus, EA2–EA0, the External Data Bus, ED15–ED0,
DS, WAIT, and RD/WR are used to access external periph-
erals.
EXT7
is used for Register Bank Select, and to program wait
states for EXT0–EXT6, and is not available for accessing
an external peripheral.
Table 12. RPL Description
S2
S1
S0
Loop Size
0
0
0
256
00
1
2
01
0
4
01
1
8
10
0
16
10
1
32
11
0
64
1
1
1
128
Register
Register Definition
BUS
D-Bus
Dn:b
Eight Data Pointers
EXTn
External Register, 16-bit
Figure 19. Status Register
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
256
2
4
8
16
32
64
128
"Short Form Direct" bits
User Output UO1, UO0
(Complemented)
Global Interrupt Enable
Overflow Protection
MPY output arithmetically
shifted right by three bits
User Input UI1,UI0
(Read Only)
Carry
Zero
Overflow
Negative
Ram
Pointer
Loop
Size
S7
S6
S5
S4
S3
S2
S1
S0
S15
S14
S13
S12
S11
S10
S9
S8
NOV
Z
C
UI1
UI0
SH3
OP
IE
UO1 UO0
RPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com