Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8932320FSC Datasheet(PDF) 33 Page - Zilog, Inc.

Part # Z8932320FSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8932320FSC Datasheet(HTML) 33 Page - Zilog, Inc.

Back Button Z8932320FSC Datasheet HTML 29Page - Zilog, Inc. Z8932320FSC Datasheet HTML 30Page - Zilog, Inc. Z8932320FSC Datasheet HTML 31Page - Zilog, Inc. Z8932320FSC Datasheet HTML 32Page - Zilog, Inc. Z8932320FSC Datasheet HTML 33Page - Zilog, Inc. Z8932320FSC Datasheet HTML 34Page - Zilog, Inc. Z8932320FSC Datasheet HTML 35Page - Zilog, Inc. Z8932320FSC Datasheet HTML 36Page - Zilog, Inc. Z8932320FSC Datasheet HTML 37Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Z89223/273/323/373
ZiLOG
16-Bit Digital Signal Processors with A/D Converter
DS000202-DSP0599
33
I/O PORTS
I/O pin allocation of ports for the different package types
is designed to provide configuration flexibility. Each port
line of Ports 0, 1, and 2 can be independently selected as
an input or an output. Each port’s output lines can be glo-
bally selected as push-pull or as open-drain outputs
Table 15. I/O Port Bit Allocations
Device Pins
44-Pin PLCC,
44-Pin PQFP
64-Pin TQFP,
68-Pin PLCC
80-Pin PQFP
P0 MSB
ED15–ED8, or
P0.15–P0.8, or
P1.7–P1.0
ED15–ED8, or
P0.15–P0.8
ED15–ED8, or
P0.15–P0.8
P0 LSB
ED7–ED0, or
P0.7–P0.0
ED7–ED0, or
P0.7–P0.0
ED7–ED0, or
P0.7–P0.0
P1
P1.7–P1.0
P1.7–P1.0
P2
P2.4–P2.0
P2.7–P2.0
P2.7–P2.0
P3
P3.7–P3.0
Figure 24. Port 0, 1 and 2 Configuration
OEN
Open-Drain
Data Out
Data In
PAD
Auto Latch
R
≈ 500 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com