Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8932320FSC Datasheet(PDF) 41 Page - Zilog, Inc.

Part # Z8932320FSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8932320FSC Datasheet(HTML) 41 Page - Zilog, Inc.

Back Button Z8932320FSC Datasheet HTML 37Page - Zilog, Inc. Z8932320FSC Datasheet HTML 38Page - Zilog, Inc. Z8932320FSC Datasheet HTML 39Page - Zilog, Inc. Z8932320FSC Datasheet HTML 40Page - Zilog, Inc. Z8932320FSC Datasheet HTML 41Page - Zilog, Inc. Z8932320FSC Datasheet HTML 42Page - Zilog, Inc. Z8932320FSC Datasheet HTML 43Page - Zilog, Inc. Z8932320FSC Datasheet HTML 44Page - Zilog, Inc. Z8932320FSC Datasheet HTML 45Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Z89223/273/323/373
ZiLOG
16-Bit Digital Signal Processors with A/D Converter
DS000202-DSP0599
41
C/T Registers
Each C/T contains a set of five 16-bit Registers. Bank13 is
used to access the registers for C/T0 and Bank14 is for the
C/T1 registers. All accesses to C/T Registers occur with
zero wait states.
Counter/Timer Control Register (Bank13,14/EXT1).
The
C/T Control register enables/disables the C/T, selects input
and output options, and the mode of operation.
TMLR—Load Register (Bank13,14/EXT2).
The 16-bit
TMLR register holds the value that is loaded into TMR
when TMR underflows.
TMR—Counter Register (Bank13,14/EXT3).
TMR is a
16-bit down counter that holds the current C/T value. It can
be read like any other ordinary register. However, writing
to TMR is different than writing to an ordinary register. A
write to TMR causes the contents of TMLR to be written
into TMR, causing the C/T to be retriggered.
TPLR—Prescaler Load Register (Bank13,14/EXT4).
The
16-bit TPLR register holds the prescaler load value in its
lower 8 bits. Bit 15 must be written with a “1”, and bits 14–8
must be written with “0’s”.
Note: If the C/T interrupt is being used, this register must be re-
written at the end of the interrupt service routine in order
to enable the next interrupt. The number of clock cycles
from the beginning of the interrupt service routine to the
write must exceed the prescaler load value.
Figure 32. C/T0 and C/T1 Control Register
D7
D6
D5
D4
D3
D2
D1
D0
D15 D14 D13 D12 D11 D10 D9
D8
Bank 13/EXT1 (C/T0) and Bank14/EXT1 (C/T1)
Input Event
00 = Falling Edge (default)
01 = Rising Edge
10 = Both Rising and Falling Edges
11 = Reserved
Output Select
00 = Outputs Unaffected (default)
01 = Reserved
10 = Drive TMO0 Pin
11 = Reserved
Output Polarity
0 = Output asserted High on Timeout (default)
1 = Output asserted Low on Timeout
Mode of Operation
0000 = Square Wave Output (default)
0001 = Retriggerable One-Shot
0010 = PWM (8-bit)
0011 = PWM (16-bit)
0100 = Finite Pulse String Generator
0101 = Externally-Clocked One-Shot
0110 = Software Watch-Dog Timer
0111 = Hardware Watch-Dog Timer
1000 = Pulse Stopwatch
1001 = Edge-to-edge Stopwatch
1010 = Edge Counter
1011 = Gated Edge Counter
Test Mode*
0 = Normal Operation
1 = Factory Test Mode
Reserved
C/T
0 = Disabled (default)
1 = Enabled
Input Select
00 = Inputs have no effect (default)
01 = Reserved
10 = UI0 Pin
11 = UI1 Pin
*Note: The user should always program this bit to "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com