Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8932320FSC Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z8932320FSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8932320FSC Datasheet(HTML) 5 Page - Zilog, Inc.

  Z8932320FSC Datasheet HTML 1Page - Zilog, Inc. Z8932320FSC Datasheet HTML 2Page - Zilog, Inc. Z8932320FSC Datasheet HTML 3Page - Zilog, Inc. Z8932320FSC Datasheet HTML 4Page - Zilog, Inc. Z8932320FSC Datasheet HTML 5Page - Zilog, Inc. Z8932320FSC Datasheet HTML 6Page - Zilog, Inc. Z8932320FSC Datasheet HTML 7Page - Zilog, Inc. Z8932320FSC Datasheet HTML 8Page - Zilog, Inc. Z8932320FSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Z89223/273/323/373
ZiLOG
16-Bit Digital Signal Processors with A/D Converter
DS000202-DSP0599
5
TMO1/UO1.
Counter/Timer Output or User Output 1 (out-
put). Counter/Timer 0 and Counter/Timer 1 can be pro-
grammed to provide output on this pin. When User Outputs
are enabled, and the Counter/Timer is disabled, this pin pro-
vides the complement of Status Register bit 6.
TMO2.
Counter/Timer 2 Output (output). This pin is the
output of Counter/Timer 2
P0.15–P0.0.
Port0 (input/output). This is a 16-bit user I/O
port. Bits can be configured as input or output or globally
as open-drain output. When enabled, Port0 uses the 16 data
lines of the ED bus. The function of these pins can be dy-
namically changed by writing to the Port0 configuration
registers. The High byte can also be configured to Port1 as
described in the I/O Port section.
P1.7–P1.0.
Port1 (input/output). These pins are Port1 in-
puts or outputs when not configured for use as special pur-
pose peripheral interface. The following eight pin functions
preempt use of these pins when enabled. INT2, CLKOUT,
SDI, SDO, SS, SCLK, UI0, UI1.
Note: These pins are not bonded out on the 44-pin packages.
P2.7–P2.0.
Port2 (input/output). These pins are Port2 in-
puts or outputs when not configured as peripheral interfac-
es. The following seven pin functions preempt use of
P2.6–P2.0 when enabled. INT0, INT1, TMO0/UO0,
TMO1/UO1, WAIT, UI2, TMO2. P2.7 does not include a
dual function.
Note: P2.7–P2.5 are not bonded out on the 44-pin packages.
The following port pins are available only on the 80-pin
package:
P3.7–P3.4.
Port3 (output). These pins are Port3 outputs.
P3.3–P3.0.
Port3 (input). These pins are Port3 inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com