Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS31256 Datasheet(PDF) 143 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 143 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 139Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 140Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 141Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 142Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 143Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 144Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 145Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 146Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 147Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
143 of 183
10.2.3 Command Bits (PCMD1)
Bit 0/I/O Space Control (IOC). This read-only bit is forced to 0 by the device to indicate that it does not respond
to I/O space accesses.
Bit 1/Memory Space Control (MSC). This read/write bit controls whether or not the device responds to accesses
by the PCI bus to the memory space, which is the local bus. When this bit is set to 0, the device ignores accesses
attempted to the local bus. When set to 1, the device allows accesses to the local bus. This bit should be set to 0
when the local bus operates in configuration mode. This bit is forced to 0 when a hardware reset is initiated
through the
PRST pin.
0 = ignore accesses to the local bus
1 = allow accesses to the bus
Bit 2/Master Control (MASC). This read-only bit is forced to 0 by the device since it cannot act as a bus master.
Bit 3/Special Cycle Control (SCC). This read-only bit is forced to 0 by the device to indicate that it cannot
decode special cycle operations.
Bit 4/Memory Write and Invalidate Command Enable (MWEN). This read-only bit is forced to 0 by the
device to indicate that it cannot generate the memory write and invalidate command.
Bit 5/VGA Control (VGA). This read-only bit is forced to 0 by the device to indicate that it is not a VGA-
compatible device.
Bit 6/Parity Error Response Control (PARC). This read/write bit controls whether or not the device should
ignore parity errors. When this bit is set to 0, the device ignores any parity errors that it detects and continues to
operate normally. When this bit is set to 1, the device must act on parity errors. This bit is forced to 0 when a
hardware reset is initiated through the
PRST pin.
0 = ignore parity errors
1 = act on parity errors
Bit 7/Address Stepping Control (STEPC). This read-only bit is forced to 0 by the device to indicate that it is not
capable of address/data stepping.
Bit 8/PCI System Error Control (PSEC). This read/write bit controls whether or not the device should enable
the
PSERR output pin. When this bit is set to 0, the device disables the PSERR pin. When this bit is set to 1, the
device enables the
PSERR pin. This bit is forced to 0 when a hardware reset is initiated through the PRST pin.
0 = disable the
PSERR pin
1 = enable the
PSERR pin
Bit 9/Fast Back-to-Back Master Enable (FBBEN). This read-only bit is forced to 0 by the device to indicate that
it is not capable of generating fast back-to-back transactions to different agents.
Bits 10 to 15/Reserved. These read-only bits are forced to 0 by the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com