Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS31256 Datasheet(PDF) 147 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 147 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 143Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 144Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 145Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 146Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 147Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 148Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 149Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 150Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 151Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
147 of 183
11.
LOCAL BUS
11.1 General Description
The local bus can operate in two modes, either as a PCI bridge (master mode) or as a configuration bus
(slave mode). This selection is made in hardware by connecting the LMS pin high or low. Figure 11-1
shows an example of the local bus operating in the PCI bridge mode. In this example, the host can access
the control ports on the T1/E1 devices through the local bus. Figure 11-2 also shows an example of the
PCI bridge mode, but the local bus arbitration is enabled, which allows a local CPU to control when the
host can have access to the local bus. To access the local bus, the host must first request the bus and then
wait until it is granted. Figure 11-3 features an example of the configuration mode. In this mode, the
CPU on the local bus configures and monitors the DS31256. In this mode, the host on the PCI/custom
bus cannot access the DS31256 and the PCI/custom bus is only used to transfer HDLC packet data to
and from the host.
Table 11-A lists all the local bus pins and their applications in both operating modes. The local bus
operates only in a nonmultiplexed fashion; it is not capable of operating as a multiplexed bus. For both
operating modes, the local bus can be set up for either Intel or Motorola type buses. This selection is
made in hardware by connecting the LIM pin high or low.
Table 11-A. Local Bus Signals
SIGNAL
FUNCTION
PCI BRIDGE
MODE (LMS = 0)
CONFIGURATION MODE
(LMS = 1)
LD[0:15]
Data Bus
Input on Read/Output on Write
Input on Write/Output on Read
LA[0:19]
Address Bus
Output
Input
LWR (LR/W)
Bus Write (Read/Write Select)
Output
Input
LRD (LDS)
Bus Read (Data Strobe)
Output
Input
LBHE
Byte High Enable
Output
Tri-stated
LIM
Intel/Motorola Select
Input
Input
LINT
Interrupt
Input
Output
LMS
Mode Select
Input
Input
LCLK
Bus Clock
Output
Tri-stated
LRDY
Bus Ready
Input
Ignored
LCS
Chip Select
Ignored
Input
LHOLD (
LBR)
Hold Request (Bus Request)
Output
Tri-stated
LHLDA (
LBG)
Hold Acknowledge (Bus Grant)
Input
Ignored
LBGACK
Bus Acknowledge
Output
Tri-stated
Note: Signals shown in parentheses are active when Motorola mode (LIM = 1) is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com