Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2240 Datasheet(PDF) 18 Page - OKI electronic componets

Part # ML2240
Description  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button ML2240 Datasheet HTML 14Page - OKI electronic componets ML2240 Datasheet HTML 15Page - OKI electronic componets ML2240 Datasheet HTML 16Page - OKI electronic componets ML2240 Datasheet HTML 17Page - OKI electronic componets ML2240 Datasheet HTML 18Page - OKI electronic componets ML2240 Datasheet HTML 19Page - OKI electronic componets ML2240 Datasheet HTML 20Page - OKI electronic componets ML2240 Datasheet HTML 21Page - OKI electronic componets ML2240 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
FEDL2240DIGEST-02
OKI Semiconductor
ML2240 Family
18/24
Playback Time and Memory Capacity
The playback time depends upon the memory capacity, sampling frequency, and playback method.
The equation showing the relationship is given below.
Playback time [sec] =
(Bit length is ADPCM, ADPCM 2 = 4 bits; PCM = 8 bits.)
Example: Let the sampling frequency be 16 kHz and 4-bit ADPCM algorithm. If one 8 Mbits ROM is used, then
the playback time is obtained as follows:
Playback time =
≅ 131 (sec)
The above equation gives the playback time when the phrase control table function is not used.
1.024
× (Memory capacity – 16) (Kbit)
Sampling frequency (kHz)
× Bit length
1.024
× (8192 – 16) (Kbit)
16 (kHz)
× 4 (bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com