Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2240 Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML2240
Description  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML2240 Datasheet HTML 7Page - OKI electronic componets ML2240 Datasheet HTML 8Page - OKI electronic componets ML2240 Datasheet HTML 9Page - OKI electronic componets ML2240 Datasheet HTML 10Page - OKI electronic componets ML2240 Datasheet HTML 11Page - OKI electronic componets ML2240 Datasheet HTML 12Page - OKI electronic componets ML2240 Datasheet HTML 13Page - OKI electronic componets ML2240 Datasheet HTML 14Page - OKI electronic componets ML2240 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
FEDL2240DIGEST-02
OKI Semiconductor
ML2240 Family
11/24
FUNCTIONAL DESCRIPTION
Micro-computer Interface
The micro-computer interface in the ML2240 has 2 types of interface circuits built in: Parallel interface and serial
interface. The interface setting can be changed with the SERIAL pin.
SERIAL pin = "H" level: Serial interface
SERIAL pin = "L" level: Parallel interface
Table below shows the SERIAL pin status in the serial and parallel interfaces.
SERIAL = “L”
SERIAL = “H”
Parallel interface
Serial interface
D7 (I/O)
DI (I)
Serial data input pin
D6 (I/O)
SCK (I)
Serial clock input pin
D5 (I/O)
DO (O)
Channel status serial output pin
D4 (I/O)
STASEL (I)
Channel status switching pin
NCRn output at “L” level
BUSYn output at “H” level
D3 (I/O)
STA3 (O)
Channel 4 status output pin
D2 (I/O)
STA2 (O)
Channel 3 status output pin
D1 (I/O)
STA1 (O)
Channel 2 status output pin
D0 (I/O)
Data input and output pins/
status output pin
STA0 (O)
Channel 1 status output pin
1. Parallel Interface
When selecting the parallel interface, the I/O pins
CS, WR, D7 to D0, and RD are used as input pins to input
various commands and data, and as output pins to read out the status of the commands and data input.
The micro-computer interface becomes effective when the
CS pin is set to “L” level.
When a command or data is input, the input data to D7 through D0 pins is captured inside the device on the
rising edge of the
WR pin.
To read the channels status, pins
CS and RD are made “L” level. By doing so, the status signals of each channel
are output to D7 through D0 pins.
Command and Data Input Timing
CS (I)
WR (I)
D7 to D0 (I/O)
Data Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com