Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2240 Datasheet(PDF) 20 Page - OKI electronic componets

Part # ML2240
Description  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240 Datasheet(HTML) 20 Page - OKI electronic componets

Back Button ML2240 Datasheet HTML 16Page - OKI electronic componets ML2240 Datasheet HTML 17Page - OKI electronic componets ML2240 Datasheet HTML 18Page - OKI electronic componets ML2240 Datasheet HTML 19Page - OKI electronic componets ML2240 Datasheet HTML 20Page - OKI electronic componets ML2240 Datasheet HTML 21Page - OKI electronic componets ML2240 Datasheet HTML 22Page - OKI electronic componets ML2240 Datasheet HTML 23Page - OKI electronic componets ML2240 Datasheet HTML 24Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
FEDL2240DIGEST-02
OKI Semiconductor
ML2240 Family
20/24
Phrase Control Table Function
The phrase control table function makes it possible to play back multiple phrases in succession. The following
functions are set using the phrase control table function:
• Continuous playback:
There is no limit to the number of times a continuous playback can be specified. It
depends on the memory capacity only.
• Silence insertion function: 4 to 1024 ms
Using the phrase control table function enables to effectively use the memory capacity of voice ROM.
Below is an example of the ROM configuration in the case of using the phrase control table function.
Example 1: Phrases Using the Phrase Control Table Function
Example 2: Example of ROM Data in case Example 1 Converted to ROM
Phrase 1
Phrase 2
Phrase 3
Phrase 4
A
D
A
C
E
B
E
C
Phrase 5
D
D
D
B
A
D
B
E
C
D
Silence
A
B
C
D
E
F
Address control area
Editing area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com