Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2240 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML2240
Description  4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2240 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML2240 Datasheet HTML 8Page - OKI electronic componets ML2240 Datasheet HTML 9Page - OKI electronic componets ML2240 Datasheet HTML 10Page - OKI electronic componets ML2240 Datasheet HTML 11Page - OKI electronic componets ML2240 Datasheet HTML 12Page - OKI electronic componets ML2240 Datasheet HTML 13Page - OKI electronic componets ML2240 Datasheet HTML 14Page - OKI electronic componets ML2240 Datasheet HTML 15Page - OKI electronic componets ML2240 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
FEDL2240DIGEST-02
OKI Semiconductor
ML2240 Family
12/24
Status Read Timing
Table below shows the contents of each data output when reading the status of the channels.
Pin
Output status signal
D7
Channel 4
BUSY output (BUSY4)
D6
Channel 3
BUSY output (BUSY3)
D5
Channel 2
BUSY output (BUSY2)
D4
Channel 1
BUSY output (BUSY1)
D3
Channel 4 NCR output (NCR4)
D2
Channel 3 NCR output (NCR3)
D1
Channel 2 NCR output (NCR2)
D0
Channel 1 NCR output (NCR1)
The
BUSY signal outputs “L” level when either a command is being processed or the playback of a pertinent
channel is going on. In other states, the BUSY signal outputs “H” level.
The NCR signal outputs “L” level when either a command is being processed or a pertinent channel is in standby
for playback. In other states, the NCR signal outputs “H” level.
CS (I)
RD (I)
D7 to D0 (I/O)
Data Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com