Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1048WARQZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 31Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 32Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 33Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 34Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 35Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 36Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 37Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 38Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
Data Sheet
ADP1048W
DATA TRANSFER
Format Overview
The PMBus slave follows the transfer protocol of the SMBus
specification, which is based on the fundamental transfer
protocol format of the Philips I2
C Bus Specification, dated
January 2000. Data transfers are byte wide, lower byte first.
Each byte is transmitted serially, most significant bit (MSB)
first. A typical transfer is diagrammed in Figure 32. See the
SMBus and I2C specifications for an in-depth discussion of
the transfer protocols.
Figure 32. Basic Data Transfer
Figure 32 through Figure 39 use the following abbreviations:
S = start condition
Sr = repeated start condition
P = stop condition
R = read bit
W = write bit
A = acknowledge bit (0)
A = acknowledge bit (1)
“A” represents the ACK (acknowledge) bit. The ACK bit is typi-
cally active low (Logic 0) if the transmitted byte is successfully
received by a device. However, when the receiving device is the
bus master, the acknowledge bit for the last byte read is a Logic 1,
indicated by A.
Command Overview
Data transfer using the PMBus slave is established using PMBus
commands. The PMBus specification requires that all PMBus
commands start with a slave address with the RW bit cleared
(set to 0), followed by the command code. All PMBus commands
supported by the ADP1048W follow one of the protocol types
shown in Figure 33 through Figure 39.
The PMBus slave module also supports manufacturer-specific
extended commands. These commands follow the same protocol
as the standard PMBus commands. However, the command
code consists of the following two bytes:
•
The command code extension, 0xFE
•
The extended command code, 0x00 to 0xFF
Using the manufacturer-specific extended commands, the
PMBus device manufacturer can add an additional 256
manufacturer-specific commands to its PMBus command set.
Figure 33. Send Byte Protocol
Figure 34. Write Byte Protocol
Figure 35. Write Word Protocol
Figure 36. Read Byte Protocol
Figure 37. Read Word Protocol
Figure 38. Block Write Protocol
MASTER TO SLAVE
SLAVE TO MASTER
S
P
A
A
W
7-BIT SLAVE
ADDRESS
8-BIT DATA
S
P
A
A
W
SLAVE ADDRESS
COMMAND CODE
MASTER TO SLAVE
SLAVE TO MASTER
A
S
P
A
A
DATA BYTE
W
SLAVE
ADDRESS
COMMAND
CODE
MASTER TO SLAVE
SLAVE TO MASTER
A
A
COMMAND
CODE
A
S
P
DATA BYTE
LOW
W
SLAVE
ADDRESS
A
DATA BYTE
HIGH
MASTER TO SLAVE
SLAVE TO MASTER
A
S
A
A
W
SLAVE
ADDRESS
COMMAND
CODE
P
R
DATA BYTE
Sr
A
SLAVE
ADDRESS
MASTER TO SLAVE
SLAVE TO MASTER
A
A
S
A
A
W
SLAVE
ADDRESS
COMMAND
CODE
P
R
Sr
SLAVE
ADDRESS
MASTER TO SLAVE
SLAVE TO MASTER
DATA BYTE
LOW
DATA BYTE
HIGH
A
A
A
S
A
A
W
SLAVE
ADDRESS
COMMAND
CODE
P
A
BYTE COUNT
= N
DATA BYTE 1
DATA BYTE N
MASTER TO SLAVE
SLAVE TO MASTER
Rev. 0 | Page 35 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com