Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1048WARQZ-R7 Datasheet(PDF) 80 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 74Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 75Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 76Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 77Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 78Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 79Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 80Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 81Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 82Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
ADP1048W
Data Sheet
CURRENT LOOP FILTER ZERO FOR LOW LINE INPUT AND LIGHT LOAD REGISTER
Table 156. Register 0xFE91—Current Loop Filter Zero for Low Line Input and Light Load
Bits
Bit Name
R/W
Description
[7:0]
Current loop filter zero for
low line and light load
R/W
These bits set the current loop digital filter zero of the PFC current loop under the low line
input voltage at a light load condition if Bit 5 of Register 0xFE4F is set to 1.
CURRENT LOOP FILTER GAIN FOR HIGH LINE INPUT AND LIGHT LOAD REGISTER
Table 157. Register 0xFE92—Current Loop Filter Gain for High Line Input and Light Load
Bits
Bit Name
R/W
Description
[7:0]
Current loop filter gain for
high line and light load
R/W
These bits set the current loop digital filter gain of the PFC current loop under the high line
input voltage at a light load condition if Bit 5 of Register 0xFE4F is set to 1.
CURRENT LOOP FILTER ZERO FOR HIGH LINE INPUT AND LIGHT LOAD REGISTER
Table 158. Register 0xFE93—Current Loop Filter Zero for High Line Input and Light Load
Bits
Bit Name
R/W
Description
[7:0]
Current loop filter zero for
high line and light load
R/W
These bits set the current loop digital filter zero of the PFC current loop under the high line
input voltage at a light load condition if Bit 5 of Register 0xFE4F is set to 1.
SMART VOUT POWER READING REGISTER
Table 159. Register 0xFE94—Smart VOUT Power Reading
Bits
Bit Name
R/W
Description
[15:0]
Power reading
R
Return the average power reading for smart output voltage (averaged over 16 full line cycles).
IBAL CONFIGURATION REGISTER
Table 160. Register 0xFE95—IBAL Configuration
Bits
Bit Name
R/W
Description
7
IBAL disconnect
R/W
1 = disconnect the output of the current balance block from the PWM outputs.
0 = connect the output of the current balance block to the PWM outputs.
6
IBAL at load transient
R/W
0 = disable current balancing when the fast loop is triggered.
1 = enable current balancing when the fast loop is triggered.
It is recommended that this bit be set to 0.
[5:4]
RSVD
R
Reserved.
3
IBAL at low power mode
R/W
1 = disable current balancing under low power mode if the output of the current balancing
block reaches the limit.
0 = enable current balancing under low power mode even if the output of the current
balancing block reaches the limit.
It is recommended that this bit be set to 1.
[2:0]
RSVD
R
Reserved.
DEBUG FLAG REGISTERS
Table 161. Register 0xFE96—Debug Flag 0
Bits
Bit Name
R/W
Description
7
OT_WARN
R
1 = measured temperature is above the value of OT_WARN_LIMIT.
6
OT_FAULT
R
1 = measured temperature is above the value of OT_FAULT_LIMIT.
5
TEMPERATURE
R
1 = temperature fault or warning.
4
UNKNOWN
R
1 = fault or warning not listed in Register 0x79, Bits[15:1].
3
MFR_FAULT
R
1 = manufacturer-specific fault or warning (Register 0xFE80, Register 0xFE81, Register 0xFE82).
2
PSON
R
1 = PSON signal (hardware or software) is inactive.
1
PGOOD
R
Power good. This flag is a programmable combination of other internal flags and refers to
the condition of the output voltage. A value of 1 means that the output of the PGOOD pin is low.
0
AC_OK
R
This flag is a programmable combination of other internal flags and refers to the condition
of the input voltage. A value of 1 means that the output of the AC_OK pin is low.
Rev. 0 | Page 80 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com