Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1048WARQZ-R7 Datasheet(PDF) 63 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 59Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 60Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 61Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 62Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 63Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 64Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 65Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 66Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
Data Sheet
ADP1048W
PWM_SET REGISTER
Table 82. Register 0xFE14—PWM_SET
Bits
Bit Name
R/W
Description
[7:5]
RSVD
R
Reserved.
4
operation
R/W
1 = bridgeless PFC operation.
0 = interleaved PFC operation.
3
PWM resolution
R/W
1 = 5 ns.
0 = 40 ns.
2
PWM enable
R/W
1 = disable the PWM output.
0 = enable the PWM output.
1
PWM2 enable
R/W
1 = disable the PWM2 output.
0 = enable the PWM2 output.
0
Go button
R/W
The PWM settings are updated during the transition of this bit from low to high.
PWM_LIMIT REGISTER
Table 83. Register 0xFE15—PWM_LIMIT
Bits
Bit Name
R/W
Description
[7:4]
Limit minimum on
time
R/W
These bits set the minimum on time for the PWM outputs in steps of 80 ns: 0000 = 0 ns and
1111 = 1200 ns.
[3:0]
Limit minimum off
time
R/W
These bits set the minimum off time for the PWM outputs: 0000 = 40 ns, 0001 = 80 ns, 1111 =
1200 ns.
RTD ADC OFFSET TRIM SETTING (MSB) REGISTER
This register must be unlocked for write access; see Table 61.
Table 84. Register 0xFE16—RTD ADC Offset Trim Setting (MSB)
Bits
Bit Name
R/W
Description
[7:2]
RSVD
R/W
Reserved.
1
Trim polarity
R/W
1 = negative offset trim is introduced.
0 = positive offset trim is introduced.
0
RTD ADC offset trim
R/W
This bit is the MSB of the 9-bit value that sets the amount of offset trim applied to the RTD ADC
reading. The LSBs are specified in Register 0xFE17.
RTD ADC OFFSET TRIM SETTING (LSB) REGISTER
This register must be unlocked for write access; see Table 61.
Table 85. Register 0xFE17—RTD ADC Offset Trim Setting (LSB)
Bits
Bit Name
R/W
Description
[7:0]
RTD ADC offset trim
R/W
These eight bits are the LSBs of the 9-bit value that sets the amount of offset trim applied to
the RTD ADC reading. The MSB is specified in Register 0xFE16, Bit 0.
RTD ADC GAIN TRIM SETTING REGISTER
This register must be unlocked for write access; see Table 61.
Table 86. Register 0xFE18—RTD ADC Gain Trim Setting
Bits
Bit Name
R/W
Description
7
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
RTD ADC gain trim
R/W
This value sets the amount of gain trim that is applied to the RTD sensing gain.
Rev. 0 | Page 63 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com