Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1048WARQZ-R7 Datasheet(PDF) 76 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 72Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 73Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 74Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 75Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 76Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 77Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 78Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 79Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
ADP1048W
Data Sheet
SMART VOUT LOW LINE (VOL1) REGISTER
Table 131. Register 0xFE46—Smart VOUT Low Line (VOL1)
Bits
Bit Name
R/W
Description
[15:11]
RSVD
R
Reserved.
[10:0]
VOL1
R/W
These bits set the output voltage under low power mode operation with low line input.
SMART VOUT LOW LINE (VOL2) REGISTER
Table 132. Register 0xFE47—Smart VOUT Low Line (VOL2)
Bits
Bit Name
R/W
Description
[15:11]
RSVD
R
Reserved.
[10:0]
VOL2
R/W
These bits set the output voltage under high power mode operation with low line input.
SMART VOUT HIGH LINE (VOH1) REGISTER
Table 133. Register 0xFE48—Smart VOUT High Line (VOH1)
Bits
Bit Name
R/W
Description
[15:11]
RSVD
R
Reserved.
[10:0]
VOH1
R/W
These bits set the output voltage under low power mode operation with high line input.
SMART VOUT HIGH LINE (VOH2) REGISTER
Table 134. Register 0xFE49—Smart VOUT High Line (VOH2)
Bits
Bit Name
R/W
Description
[15:11]
RSVD
R
Reserved.
[10:0]
VOH2
R/W
These bits set the output voltage under high power mode operation with high line input.
SMART VOUT UPPER LIMIT (VOH) REGISTER
Table 135. Register 0xFE4A—Smart VOUT Upper Limit (VOH)
Bits
Bit Name
R/W
Description
[15:11]
RSVD
R
Reserved.
[10:0]
VOH
R/W
These bits set the output voltage when the VAC input voltage is higher than the value set in
Register 0xFE4B.
SMART VOUT SUPER HIGH LINE REGISTER
Table 136. Register 0xFE4B—Smart VOUT Super High Line
Bits
Bit Name
R/W
Description
[15:11]
RSVD
R
Reserved.
[10:0]
Super high line
voltage
R/W
These bits set the input voltage value as a super high line limit.
SYNC DELAY REGISTER
Table 137. Register 0xFE4C—SYNC Delay
Bits
Bit Name
R/W
Description
[15:0]
tSYNC_DELAY
R/W
These bits set the additional delay between the external synchronization reference clock signal
and the rising edge of PWM. Each LSB corresponds to 40 ns resolution.
SMART_VOUT_SUPER_HIGH_LINE_HYS REGISTER
Table 138. Register 0xFE4D—SMART_VOUT_SUPER_HIGH_LINE_HYS
Bits
Bit Name
R/W
Description
[7:0]
Super high line voltage
hysteresis
R/W
These bits set the voltage hysteresis of the super high line voltage for the smart output voltage
function. The output voltage is VOH2 if the input voltage is lower than the super high line
voltage minus the voltage hysteresis.
Rev. 0 | Page 76 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com