Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM9Z1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MM9Z1
Description  Intelligent battery sensor with CAN and LIN
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MM9Z1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MM9Z1 Datasheet HTML 17Page - NXP Semiconductors MM9Z1 Datasheet HTML 18Page - NXP Semiconductors MM9Z1 Datasheet HTML 19Page - NXP Semiconductors MM9Z1 Datasheet HTML 20Page - NXP Semiconductors MM9Z1 Datasheet HTML 21Page - NXP Semiconductors MM9Z1 Datasheet HTML 22Page - NXP Semiconductors MM9Z1 Datasheet HTML 23Page - NXP Semiconductors MM9Z1 Datasheet HTML 24Page - NXP Semiconductors MM9Z1 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 452 page
background image
Accuracy
NXP Semiconductors
21
MM9Z1_638
ELECTRICAL CHARACTERISTICS
VSENSE2, accuracy (accuracy includes both gain and offset errors) (21), (23)
• from -40 to 85 °C, input range 5.0 V to 28 V
• from -40 to 85 °C, input range 3.5 V to 5.0 V
• from 85 °C to 125 °C, input range 5.0 V to 28 V
• from 85 °C to 125 °C, input range 3.5 V to 5.0 V
VS2ACC
-0.15
-0.5
-0.25
-0.5
–
–
–
–
0.15
0.5
0.25
0.5
%
VSENSE3, accuracy (accuracy includes both gain and offset errors) (21), (23)
• from -40 to 85 °C, input range 9.4 V to 50 V
• from -40 to 85 °C, input range 6.5 V to 9.4 V or > 50 V
• from 85 °C to 125 °C, input range 9.4 V to 50 V
• from 85 °C to 125 °C, input range 6.5 V to 9.4 V and > 50 V
VS3ACC
-0.15
-0.5
-0.25
-0.5
–
–
–
–
0.15
0.5
0.25
0.5
%
VSENSE[0..3] Drift
• drift due to MSL3 (according JEDEC J-STD-020) reflow
• drift due to Life Time Drift
VSDRIFT
–
–
0.03
-6.0
–
–
%
ppb/h
VSENSE0,resolution and offset (21)
• voltage measurement resolution
• extrapolated offset error
VS0RO
–
–
0.25
±3.7
–
–
mV
VSENSE1,resolution and offset (21)
• voltage measurement resolution
• extrapolated offset error
VS1RO
–
–
0.25
±3.7
–
–
mV
VSENSE2,resolution and offset (21)
• voltage measurement resolution
• extrapolated offset error
VS2RO
–
–
0.5
±6.2
–
–
mV
VSENSE3,resolution and offset (21)
• voltage measurement resolution
• extrapolated offset error
VS3RO
–
–
1.0
±19.4
–
–
mV
Notes:
21.Device trimmed and after system calibration. Automatic gain compensation over temperature.
22.The data are valid for both chop modes (off and on). The dies are delivered with chop off compensation values.
23.Including 2.2 k
Ω perfect resistor into measurement path.
Table 21. Static electrical characteristics - internal temperature sense module
Parameter
Symbol
Min.
Typ.
Max.
Unit
Measurement Range
TRANGE
-40
–
150
°C
•-40 °C
≤ TJ ≤ 85 °C
• 85 °C
< TJ ≤ 150 °C (24)
TACC
-2.0
-3.0
–
–
2.0
3.0
K
Resolution
TRES
–8.0–
mK
Max. Calibration Request Interrupt Temperature Step
TCALSTEP
-25
–
25
K
Notes:
24.Temperature not tested in production. Guaranteed by design and characterization.
Table 22. Static electrical characteristics - PTB0 to 4 voltage and temperature measurements
Parameter
Symbol
Min.
Typ.
Max.
Unit
PTB0, 1, 2, 3, and 4: measurement resolution for voltage measurement (PTBx
routed to Voltage Analog to Digital Converter)
PTB0-4VRES
–25–
μV
PTB0, 1, 2, 3 and 4: voltage sense gain error from -40 °C to 85 °C
• input range 0.0 V to 1.0 V (25)
PTB0, 1, 2, 3 and 4: voltage sense gain error from 85 °C to 125 °C
• input range 0.0 V to 1.0 V (25)
PTB0-4ACC
-0.15
-0.25
–
–
0.15
0.25
%
PTB0, 1, 2, 3 and 4: extrapolated voltage sense offset error, obtained by linear
regression at 25 °C.
PTB0-4OFF
-0.5
–
0.5
mV
Table 20. Static electrical characteristics - voltage sense module (22) (continued)
Parameter
Symbol
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com