Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM9Z1 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MM9Z1
Description  Intelligent battery sensor with CAN and LIN
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MM9Z1 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MM9Z1 Datasheet HTML 5Page - NXP Semiconductors MM9Z1 Datasheet HTML 6Page - NXP Semiconductors MM9Z1 Datasheet HTML 7Page - NXP Semiconductors MM9Z1 Datasheet HTML 8Page - NXP Semiconductors MM9Z1 Datasheet HTML 9Page - NXP Semiconductors MM9Z1 Datasheet HTML 10Page - NXP Semiconductors MM9Z1 Datasheet HTML 11Page - NXP Semiconductors MM9Z1 Datasheet HTML 12Page - NXP Semiconductors MM9Z1 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 452 page
background image
NXP Semiconductors
9
MM9Z1_638
PIN ASSIGNMENT
9
PA1
MCU PA1 / MOSI
General purpose port A input or output pin 1, shared with the MOSI signal of the integrated
SPI interface. See Port integration module (S12ZIPIMV1).
10
PA0
MCU PA0 / MISO
General purpose port A input or output pin 0, shared with the MISO signal of the integrated
SPI interface. See Port integration module (S12ZIPIMV1).
11
VSSRX
MCU 5.0 V Ground
External ground for the MCU - VDDRX return path.
12
VDDRX
MCU 5.0 V Supply
5.0 V MCU input power supply. This pin must be connected to VDDX.
13
VSS1
MCU 2.5 V Ground
External ground for the MCU - VDDD2D return path.
14
NC
Not connected
This pin must be grounded in the application.
15
VDDD2D
MCU 2.5 V Supply
2.5 V MCU input power supply for the die to die interface. This pin must be connected to
VDDH.
16
NC
Not connected
This pin must be grounded in the application.
17
DGND
Digital Ground
This pin is the device digital ground connection.
18
VDDH
Voltage Regulator Output
2.5 V
2.5 V output voltage. This pin must be connected to the VDDD2D. An external capacitor
(CVDDH) is needed.
19
GNDSUB
Substrate Ground
Substrate ground connection.
20
VDDX
MCU 5.0 V and External
CAN Supply
5.0 V output power supply for the internal MCU die and an external 8 or 14 pin CAN
interface. This pin must be connected to VDDRX. An external capacitor (CVDDX) is needed.
21
NC
Not connected
This pin is not connected to the die. Within the application, it could be connected or left
open.
22
VSUP
Power Supply
This pin is the device power supply pin. A reverse battery protection diode is required.
External capacitor(s) needed.
23
LIN
LIN Bus
This pin is the single-wire LIN bus.
24
LGND
LIN Ground
This pin is the device LIN ground connection.
25
VDDA
Analog Voltage Regulator
Output
Voltage regulator output pin, to supply the analog front end, and the external temperature
sensor circuitry. An external capacitor (CVDDA) is needed.
26
AGND
Analog Ground
This pin is the device analog voltage regulator and LP oscillator ground connection.
27
PTB5/
GND_SW
GND Switch Temp
This pin is a switch to GND for connection of the external temperature sensors circuitry.
28
PTB4
Analog Input & General
Purpose Input 4
General purpose 5.0 V Input (connection to timer and selectable pull-down). This pin
shares several functions:
Temperature sensor input.
Direct voltage sense, used with an external resistor divider
Wake-up input.
General purpose 5.0 V input
29
GNDSUB
Substrate Ground
Substrate ground connection.
30
ISENSEL
Current Sense L
Current sense input “Low”. This pin is used in combination with ISENSEH to measure the
voltage drop across a shunt resistor.
31
ISENSEH
Current Sense H
Current sense input “high”. This pin is used in combination with ISENSEL to measure the
voltage drop across a shunt resistor.
32
ADCGND
Analog Digital Converter
Ground
Analog digital converter ground connection.
33
VSENSE0
Voltage Sense 0
Precision battery voltage measurement input. This pin can be connected directly to the
battery line for voltage measurements. The voltage preset at this input is scaled down by
an internal voltage divider. The pin is self protected against reverse battery connections. An
external resistor (RVSENSE) is needed for protection.
34
VSENSE1
Voltage Sense 1
Precision battery voltage measurement input. This pin can be connected directly to the
battery line for voltage measurements. The voltage preset at this input is scaled down by
an internal voltage divider. The pin is self-protected against reverse battery connections. An
external resistor (RVSENSE) is needed for protection.
Table 2. MM9Z1_638 pin description (continued)
Pin #
Pin name
Formal name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com