Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM9Z1 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MM9Z1
Description  Intelligent battery sensor with CAN and LIN
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MM9Z1 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MM9Z1 Datasheet HTML 26Page - NXP Semiconductors MM9Z1 Datasheet HTML 27Page - NXP Semiconductors MM9Z1 Datasheet HTML 28Page - NXP Semiconductors MM9Z1 Datasheet HTML 29Page - NXP Semiconductors MM9Z1 Datasheet HTML 30Page - NXP Semiconductors MM9Z1 Datasheet HTML 31Page - NXP Semiconductors MM9Z1 Datasheet HTML 32Page - NXP Semiconductors MM9Z1 Datasheet HTML 33Page - NXP Semiconductors MM9Z1 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 452 page
background image
30
NXP Semiconductors
MM9Z1_638
ELECTRICAL CHARACTERISTICS
4.6.3
Electrical specification for voltage regulator
Note
The LVR monitors the voltages VDD, VDDF, and VDDRX. As soon as voltage drops on these supplies
which would prohibit the correct function of the microcontroller, the LVR is triggering a reset.
4.6.3.1
Chip power-up and voltage drops
LVI (low voltage interrupt), POR (power-on reset) and LVRs (low voltage reset) handle chip power-up or drops of the supply voltage.
Table 41. ivregcrz_ll18 characteristics
Num
C
Characteristic
Symbol
Min.
Typ.
Max.
Unit
P
Input Voltages
VVDDRX
3.13
—
5.5
V
P
VDDRX Low Voltage Interrupt Assert Level (54)
VDDRX Low Voltage Interrupt Deassert Level
VLVIA
VLVID
4.04
4.19
4.23
4.38
4.47
4.60
V
V
PVDDRX Low Voltage Reset Deassert (55), (56)
VLVRXD
—
—
3.25
V
T
CPMU ACLK frequency
(CPMUACLKTR[5:0] = %000000)
fACLK
—20
—
kHz
C
Trimmed ACLK internal clock(57)
Δf / fNOMINAl
dfACLK
- 5.0
—
+ 5.0
%
D
The first period after enabling the counter by APIFE might be
reduced by ACLK start up delay
tsdel
—
—
100
us
D
The first period after enabling the COP might be reduced by
ACLK start up delay
tSDEL
—
—
100
us
VDDRX Low Voltage Reset(58)
Assert Level
Deassert Level
VLVRXA
VLVRXD
2.906
—
3.037
3.054
—
3.25
V
V
Notes:
54.Monitors VDDA, active only in Full Performance mode. Indicates I/O & ADC performance degradation due to low supply voltage.
55.Device functionality is guaranteed on power down to the LVR assert level
56.Monitors VDDRX, active only in Full Performance mode. MCU is monitored by the POR in RPM (see Figure 7)
57.The ACLK Trimming CPMUACLKTR[5:0] bits must be set so that fACLK=10KHz.
58.Monitors VDDRX, active only in Full Performance mode. VLVRA and VPORD must overlap (see Figure 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com