Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM9Z1 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # MM9Z1
Description  Intelligent battery sensor with CAN and LIN
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MM9Z1 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button MM9Z1 Datasheet HTML 80Page - NXP Semiconductors MM9Z1 Datasheet HTML 81Page - NXP Semiconductors MM9Z1 Datasheet HTML 82Page - NXP Semiconductors MM9Z1 Datasheet HTML 83Page - NXP Semiconductors MM9Z1 Datasheet HTML 84Page - NXP Semiconductors MM9Z1 Datasheet HTML 85Page - NXP Semiconductors MM9Z1 Datasheet HTML 86Page - NXP Semiconductors MM9Z1 Datasheet HTML 87Page - NXP Semiconductors MM9Z1 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 452 page
background image
84
NXP Semiconductors
MM9Z1_638
FUNCTIONAL DESCRIPTION AND APPLICATION INFORMATION
6.2.1.6.2.6
S12ZCPMU interrupt enable register (CPMUINT)
This register enables S12ZCPMU interrupt requests.
6.2.1.6.2.7
S12ZCPMU clock select register (CPMUCLKS)
This register controls S12ZCPMU clock selection.
Table 72. S12ZCPMU interrupt enable register (CPMUINT)
Module base + 0x0008
765
4321
0
R
RTIE
00
LOCKIE
00
OSCIE
0
W
Reset
000
0000
0
= Unimplemented or Reserved
Notes:
84.Read:
Anytime
Write: Anytime
Table 73. CPMUINT field descriptions
Field
Description
7
RTIE
Real Time Interrupt Enable Bit
0
Interrupt requests from RTI are disabled.
1
Interrupt will be requested whenever RTIF is set.
4
LOCKIE
PLL Lock Interrupt Enable Bit
0
PLL LOCK interrupt requests are disabled.
1
Interrupt will be requested whenever LOCKIF is set.
1
OSCIE
Oscillator Corrupt Interrupt Enable Bit
0
Oscillator Corrupt interrupt requests are disabled.
1
Interrupt will be requested whenever OSCIF is set.
Table 74. S12ZCPMU clock select register (CPMUCLKS)
Module Base + 0x0009
76
54
32
1
0
R
PLLSEL
PSTP
CSAD
COP
OSCSEL1
PRE
PCE
RTI
OSCSEL
COP
OSCSEL0
W
Reset
1
00
00
000
= Unimplemented or Reserved
Notes:
85.Read:
Anytime
Write: Anytime
• Only possible if PROT=0 (CPMUPROT register) in all MCU Modes (Normal and Special mode).
• All bits in Special mode (if PROT=0).
• PLLSEL, PSTP, PRE, PCE, RTIOSCSEL: In Normal mode (if PROT=0).
• CSAD: In Normal mode (if PROT=0) until CPMUCOP write once has taken place.
• COPOSCSEL0: In Normal mode (if PROT=0) until CPMUCOP write once has taken place.
If COPOSCSEL0 was cleared by UPOSC=0 (entering Full Stop mode with COPOSCSEL0=1 or insufficient OSCCLK quality), then COPOSCSEL0
can be set once again.
• COPOSCSEL1: In Normal mode (if PROT=0) until CPMUCOP write once has taken place. COPOSCSEL1 will not be cleared by UPOSC=0 (entering
Full Stop mode with COPOSCSEL1=1 or insufficient OSCCLK quality if OSCCLK is used as clock source for other clock domains: for instance core
clock etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com