Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMRF1012N Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MMRF1012N
Description  RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1012N Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MMRF1012N Datasheet HTML 9Page - NXP Semiconductors MMRF1012N Datasheet HTML 10Page - NXP Semiconductors MMRF1012N Datasheet HTML 11Page - NXP Semiconductors MMRF1012N Datasheet HTML 12Page - NXP Semiconductors MMRF1012N Datasheet HTML 13Page - NXP Semiconductors MMRF1012N Datasheet HTML 14Page - NXP Semiconductors MMRF1012N Datasheet HTML 15Page - NXP Semiconductors MMRF1012N Datasheet HTML 16Page - NXP Semiconductors MMRF1012N Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MMRF1012NR1
13
RF Device Data
Freescale Semiconductor, Inc.
50 OHM TYPICAL CHARACTERISTICS
Table 10. Common Source S--Parameters (VDD =50 V, IDQ =30 mA, TA =25C, 50 Ohm System) (continued)
f
MHz
S11
S21
S12
S22
|S11|

|S21|

|S12|

|S22|

800
0.858
--139.7
1.697
40.2
0.00839
--31.1
0.932
--107.6
820
0.861
--140.7
1.636
38.9
0.00818
--32.1
0.934
--109.0
840
0.864
--141.6
1.578
37.6
0.00798
--33.1
0.935
--110.4
860
0.867
--142.6
1.523
36.4
0.00781
--33.8
0.936
--111.7
880
0.870
--143.5
1.471
35.1
0.00763
--34.8
0.938
--112.9
900
0.873
--144.5
1.421
33.9
0.00745
--35.9
0.939
--114.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com