Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5203 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC5203
Description  關Cap 80 mA LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5203 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC5203 Datasheet HTML 2Page - Microchip Technology MIC5203 Datasheet HTML 3Page - Microchip Technology MIC5203 Datasheet HTML 4Page - Microchip Technology MIC5203 Datasheet HTML 5Page - Microchip Technology MIC5203 Datasheet HTML 6Page - Microchip Technology MIC5203 Datasheet HTML 7Page - Microchip Technology MIC5203 Datasheet HTML 8Page - Microchip Technology MIC5203 Datasheet HTML 9Page - Microchip Technology MIC5203 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MIC5203
DS20006609A-page 6
2021 Microchip Technology Inc. and its subsidiaries
FIGURE 2-7:
Output Voltage vs. Output
Current.
FIGURE 2-8:
Short Circuit vs. Input
Voltage.
FIGURE 2-9:
Thermal Regulation
(3.3V Version).
FIGURE 2-10:
Output Voltage vs.
Temperature.
FIGURE 2-11:
Short Circuit Current vs.
Temperature.
FIGURE 2-12:
Minimum Supply Voltage vs.
Temperature.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
OUTPUT CURRENT (mA)
C
IN = 10 F
C
OUT = 1 F
0
20
40
60
80
100
120
140
160
01
23
4 5
6
7
INPUT VOLTAGE (V)
C
IN = 10 F
C
OUT = 1 F
-60
-40
-20
0
20
40
60
-50
0
50
100
-2 02 4
6 8 10 12 14 16
TIME (ms)
C
L = 1 F
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
-60 -30 0
30 60 90 120 150
TEMPERATURE (C)
C
IN = 10 F
C
OUT = 1 F
CURVES APPLICABLE
AT 100 A AND 50mA
3 DEVICES
HI / AVG / LO
100
120
140
160
180
200
-60 -30 0
306090 120 150
TEMPERATURE (C)
C
IN = 10 F
C
OUT = 1 F
3.3
3.4
3.5
-60 -30 0
306090 120 150
TEMPERATURE (C)
I
L = 1mA
VOUT = 3.3V
C
IN = 10 F
C
OUT = 1 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com