Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5203 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC5203
Description  關Cap 80 mA LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5203 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC5203 Datasheet HTML 7Page - Microchip Technology MIC5203 Datasheet HTML 8Page - Microchip Technology MIC5203 Datasheet HTML 9Page - Microchip Technology MIC5203 Datasheet HTML 10Page - Microchip Technology MIC5203 Datasheet HTML 11Page - Microchip Technology MIC5203 Datasheet HTML 12Page - Microchip Technology MIC5203 Datasheet HTML 13Page - Microchip Technology MIC5203 Datasheet HTML 14Page - Microchip Technology MIC5203 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006609A-page 11
MIC5203
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
TABLE 5-1:
MARKING CODES
SOT-143 Part #
Marking
Voltage
SOT-23 Part #
Marking
Voltage
MIC5203-2.6YM4
LA26
2.6V
MIC5203-2.6YM5
LK26
2.6V
MIC5203-2.8YM4
LA28
2.8V
MIC5203-2.8YM5
LK28
2.8V
MIC5203-3.0YM4
LA30
3.0V
MIC5203-3.0YM5
LK30
3.0V
MIC5203-3.3YM4
LA33
3.3V
MIC5203-3.3YM5
LK33
3.3V
MIC5203-3.6YM4
LA36
3.6V
MIC5203-3.6YM5
LK36
3.6V
MIC5203-3.8YM4
LA38
3.8V
MIC5203-3.8YM5
LK38
3.8V
MIC5203-4.0YM4
LA40
4.0V
MIC5203-4.0YM5
LK40
4.0V
MIC5203-4.5YM4
LA45
4.5V
MIC5203-4.5YM5
LK45
4.5V
MIC5203-4.7YM4
LA47
4.7V
MIC5203-4.7YM5
LK47
4.7V
MIC5203-5.0YM4
LA50
5.0V
MIC5203-5.0YM5
LK50
5.0V
4-Lead SOT-143*
Example
LA33
415
XXXX
NNN
5-Lead SOT-23*
Example
LK45
415
XXXX
NNN
Legend: XX...X Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com