Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5203 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5203
Description  關Cap 80 mA LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5203 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5203 Datasheet HTML 1Page - Microchip Technology MIC5203 Datasheet HTML 2Page - Microchip Technology MIC5203 Datasheet HTML 3Page - Microchip Technology MIC5203 Datasheet HTML 4Page - Microchip Technology MIC5203 Datasheet HTML 5Page - Microchip Technology MIC5203 Datasheet HTML 6Page - Microchip Technology MIC5203 Datasheet HTML 7Page - Microchip Technology MIC5203 Datasheet HTML 8Page - Microchip Technology MIC5203 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006609A-page 1
MIC5203
Features
• Tiny 4- and 5-Lead Surface-Mount Packages
• Wide Selection of Output Voltages
• Guaranteed 80 mA Output
• Low Quiescent Current
• Low Dropout Voltage
• Low Temperature Coefficient
• Current and Thermal Limiting
• Reversed Input Polarity Protection
• Zero Off-Mode Current
• Logic-Controlled Shutdown
• Stability with Low-ESR Ceramic Capacitors
Applications
• Cellular Telephones
• Laptop, Notebook, and Palmtop Computers
• Battery-Powered Equipment
• Barcode Scanners
• SMPS Post-Regulator and DC/DC Modules
• High-Efficiency Linear Power Supplies
General Description
The MIC5203 is a µCap 80 mA linear voltage regulator
with very low dropout voltage (typically 20 mV at light
loads and 300 mV at 80 mA) and very low ground
current (225 µA at 20 mA output), offering better than
3% initial accuracy with a logic-compatible enable
input.
The µCap regulator design is optimized to work with
low- value, low-cost ceramic capacitors. The outputs
typically require only 0.47 µF of output capacitance for
stability.
Designed especially for hand-held, battery-powered
devices, the MIC5203 can be controlled by a CMOS or
TTL compatible logic signal. When disabled, power
consumption drops nearly to zero. If on-off control is not
required, the enable pin may be tied to the input for 3-
terminal operation. The ground current of the MIC5203
increases only slightly in dropout, further prolonging
battery life. Key MIC5203 features include current
limiting, overtemperature shutdown, and protection
against reversed battery.
The MIC5203 is available in 2.8V, 3.0V, 3.3V, 3.6V,
3.8V, 4.0V, 4.5V, 4.75V, and 5.0V fixed voltages. Other
voltages are available.
Package Types
MIC5203
4-Lead SOT-143 (M4)
GND
OUT
IN
EN
LAxx
Part
Identification
1
2
34
MIC5203
5-Lead SOT-23 (M5)
IN
OUT
NC
EN
LKx x
1
3
45
2
GND
µCap 80 mA LDO Regulator


Similar Part No. - MIC5203

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
關Cap??80mA Low-Dropout Voltage Regulator
MIC5203-2.6BM4 MICREL-MIC5203-2.6BM4 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
MIC5203-2.6BM5 MICREL-MIC5203-2.6BM5 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
MIC5203-2.6YM4 MICREL-MIC5203-2.6YM4 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
MIC5203-2.6YM5 MICREL-MIC5203-2.6YM5 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
More results

Similar Description - MIC5203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
80 mA LDO VOLTAGE REGULATOR IC
logo
Micrel Semiconductor
MIC5231 MICREL-MIC5231_08 Datasheet
191Kb / 7P
Micropower 關Cap LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
150mA 關Cap CMOS LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
150mA 關Cap LDO Regulator
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
3A, Low Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
150mA 關Cap Dual LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
150mA 關Cap CMOS LDO Regulator
MIC5211 MICREL-MIC5211_05 Datasheet
1Mb / 9P
Dual 關Cap 80mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com