Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL900A Datasheet(PDF) 9 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 9 Page - ams AG

Back Button SL900A Datasheet HTML 5Page - ams AG SL900A Datasheet HTML 6Page - ams AG SL900A Datasheet HTML 7Page - ams AG SL900A Datasheet HTML 8Page - ams AG SL900A Datasheet HTML 9Page - ams AG SL900A Datasheet HTML 10Page - ams AG SL900A Datasheet HTML 11Page - ams AG SL900A Datasheet HTML 12Page - ams AG SL900A Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 103 page
background image
ams Datasheet
Page 9
[v1-12] 2018-Oct-29
Document Feedback
SL900A − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
TA = -40°C to 125°C, VBAT = 3.0V, unless otherwise noted. Typical
values are at TA = 25°C
(1).
Figure 11:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VBAT3V
Operating input voltage 3V
battery
TA = 6°C
2.3
3.4
V
VBAT1_5
Operating input voltage 1.5V
battery
TA = 6°C
1.2
1.8
V
VBAT(SU)
Minimum start-up input voltage
TA = 6°C
1.3
V
IBAT-OP15
Operating current into VBAT
Temperature conversion,
VBAT=1.5V
200
250
μA
IBAT-OP30
Operating current into VBAT
Temperature conversion,
VBAT=3V
283
350
μA
IBAT-Q15
Active mode current into VBAT
VBAT = 1.5V; RTC on
1.6
μA
IBAT-Q30
Active mode current into VBAT
VBAT = 3.0V; RTC on
3.2
μA
IBAT-SD15
Standby mode current into VBAT
VBAT = 1.5V, RTC off
0.5
μA
IBAT-SD30
Standby mode current into VBAT
VBAT = 3.0V; RTC off
0.7
μA
IEXT
Maximum current from VPOS pin
In electromagnetic field
200
μA
VPOS-l
VPOS limiter point
In electromagnetic field
3.4
V
ANTI-QFN
Antenna pad impedance
Measured at 915MHz,
QFN package for PCB
assembly
123-j303
Ω
ANTI-DIE
Antenna pad impedance
Measured at 915MHz,
bare die for inlay
assembly (2)
218-j386
Ω
ANTS
Antenna pad sensitivity
Measured at 900MHz,
battery assisted mode
-15
dBm
ANTS-QFN
Antenna pad sensitivity
Measured at 915MHz,
without battery, QFN
package for PCB
assembly
-6.9
dBm
ANTS-DIE
Antenna pad sensitivity
Measured at 915MHz,
without battery, bare die
for inlay assembly
-7
dBm
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com