Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL900A Datasheet(PDF) 49 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 49 Page - ams AG

Back Button SL900A Datasheet HTML 45Page - ams AG SL900A Datasheet HTML 46Page - ams AG SL900A Datasheet HTML 47Page - ams AG SL900A Datasheet HTML 48Page - ams AG SL900A Datasheet HTML 49Page - ams AG SL900A Datasheet HTML 50Page - ams AG SL900A Datasheet HTML 51Page - ams AG SL900A Datasheet HTML 52Page - ams AG SL900A Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 103 page
background image
ams Datasheet
Page 49
[v1-12] 2018-Oct-29
Document Feedback
SL900A − Logging Formats
In case battery measurement or external sensors are used for
logging, the chip will use the following storage format:
Figure 26:
Dense Form with Temperature and Battery Measurement
Figure 27:
Dense Form with Temperature, Battery Measurement and 1 External Sensor
Figure 28:
Dense Form with Temperature, Battery Measurement and 2 External Sensors
In the dense logging form, no time information is stored in the
measurement area of the EEPROM in order to maximize the
number of stored sensor values. The real time of a particular
measurement can be calculated by using the Start time and Log
interval.
Out-of-Limits Logging Form
This logging form uses the limits that are set by the user. The
limits can be set with the SET LOG LIMITS command. The storage
data format is the same for the “All values out-of-limits” form
and the “Limits crossing” form.
Bits
Block #
15
14
13
12
11
10
9876
5432
10
0x00
Battery measurement - 6 bits
Temperature measurement - 10 bits
Bits
Block #
15
14
13
12
11
10
9876
5432
10
0x00
X
Range 5 bits
External sensor 1 - 10 bits
0x01
Battery measurement - 6 bits
Temperature measurement - 10 bits
Bits
Block #
15
14
13
12
11
10
9876
5432
10
0x00
X
Range 5 bits
External sensor 1 - 10 bits
0x01
X
Range 5 bits
External sensor 2 - 10 bits
0x02
Battery measurement - 6 bits
Temperature measurement - 10 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com