Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL900A Datasheet(PDF) 24 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 24 Page - ams AG

Back Button SL900A Datasheet HTML 20Page - ams AG SL900A Datasheet HTML 21Page - ams AG SL900A Datasheet HTML 22Page - ams AG SL900A Datasheet HTML 23Page - ams AG SL900A Datasheet HTML 24Page - ams AG SL900A Datasheet HTML 25Page - ams AG SL900A Datasheet HTML 26Page - ams AG SL900A Datasheet HTML 27Page - ams AG SL900A Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 103 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-12] 2018-Oct-29
SL900A − System Description
Temperature Conversion
The calibration data does not have to be included in the
temperature conversion equation. The temperature value
calculation is dependent on the selected voltage references
(see Analog to Digital Conversion):
By default (factory setting), the voltage references are set:
Vo1 = 260mV, Vo2 = 410mV. This yields a temperature
conversion range of -29.3ºC ~ 58.1ºC. The temperature
conversion equation for this setting is:
Please note if the ADC voltage references are changed from the
default values, the temperature sensor calibration is no longer
valid.
Battery Voltage Conversion
The battery voltage conversion is dependent on the initial
battery voltage (1.5V or 3V) and on the selected voltage
references (see Analog to Digital Conversion). The conversion
equations with factory selected voltage references (Vo1 = 0V,
Vo2 = 310mV) are:
For 1.5V battery, the equation is:
• V = code*0.85mV + 873mV
• LSB = 0.85mV
• Offset = 873mV
For 3V battery:
• V = code*1.65mV + 1.69V
• LSB = 1.65mV
• Offset = 1.69V
The code for the battery measurement is 10bits. This code is
formed from 6 MSB bits from the logged battery measurement
padded with 4 LSB 0s
(EQ3)
T
°C
()
⋅
code∗Resolution Low temp limit
⋅⋅
–
=
(EQ4)
T
°C
()
⋅
code∗0.0855
°C 29.3°C
–
=
(EQ5)
LSB
0.0855
°C
=
(EQ6)
Offset
29.3
–
()°C
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com