Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL900A Datasheet(PDF) 13 Page - ams AG

Part # SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A Datasheet(HTML) 13 Page - ams AG

Back Button SL900A Datasheet HTML 9Page - ams AG SL900A Datasheet HTML 10Page - ams AG SL900A Datasheet HTML 11Page - ams AG SL900A Datasheet HTML 12Page - ams AG SL900A Datasheet HTML 13Page - ams AG SL900A Datasheet HTML 14Page - ams AG SL900A Datasheet HTML 15Page - ams AG SL900A Datasheet HTML 16Page - ams AG SL900A Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
ams Datasheet
Page 13
[v1-12] 2018-Oct-29
Document Feedback
SL900A − Short Description
Analog Front End (AFE)
The analog front end is designed according to EPC Gen 2. The
forward link (reader to tag) is amplitude modulated and the
backward link (tag to reader) is amplitude modulated (load
modulation is used). Please note for QFN the ANT pin is
connected to one side of the dipole antenna and VSSA+VSS are
connected to the other side as shown in Figure 13. For bare die
ANT1 should be left unconnected, ANT2 should be connected
to one side of the dipole and VSSA+VSS connected to the other.
Processing and Digital Control
The SL900A is fully EPC Class 1 compliant, with additional
custom commands for extended functions. The maximum
transponder to interrogator data rate according to Class
1/Gen.2 is 640 kbit/s. The maximum interrogator to
transponder data rate is 160 kbit/s.
Figure 14:
Supported Data Rates
Serial Interface (SPI Slave)
The integrated serial interface (SPI) can be used to initialize the
chip and to set the parameters. The logging procedure can be
started and stopped with the SPI. The SPI bus can also be used
for the communication between a microcontroller that is
attached to the SL900A and the RFID reader.
Real-Time Clock (RTC)
The on-chip real-time clock (RTC) is started through the START
LOG command in which the start time is programmed in UTC
format. The interval for sensing and data logging can be
programmed in the range from 1 second up to 9 hours. The
accuracy of the timer is tRTC-A. The timer oscillator is calibrated
at 6ºC with accuracy tRTC-CA.
Data Rate
Min
Max
Interrogator to transponder
40 kbit/s
160 kbit/s
Transponder to interrogator
5 kbit/s
640 kbit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com