Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT3.0DP2 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPBT3.0DP2 Datasheet HTML 11Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 12Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 13Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 14Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 15Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 16Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 17Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 18Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Figure 8. Typical RS232 circuit
6.3
GPIO interface
Module GPIO configuration depends on the Data Package embedded firmware.
By default the GPIO1, GPIO4, GPIO5 and GPIO6 have specific functions.The remaining GPIOs are available to
the HOST processor that can configure them as GPIO or as alternate function ( HostMode_Sel, HostMode_Ind,
Host_WakeUp, Factory_Reset).
GPIO1: Bluetooth Connection Status
0: BT connection not present
1: BT connection is present
GPIO4: Module Power Status
1: module is in Active Mode
Blinking: module is in Deep Sleep Mode
GPIO5: I2C SDA pin to be connected to MFi co-processor. External pull-up resistor is needed. It can be used as
GPIO if MFi chip is not used.
GPIO6: I2C SCL pin to be connected to MFi co-processor. External pull-up resistor is needed. It can be used as
GPIO if MFi chip is not used.
Pins used as generic GPIO can be handled by the HOST processor using the following commands:
AT+AB GPIOConfig [GPIO pin] [I/O]
AT+AB GPIORead [GPIO pin]
AT+AB GPIOWrite [GPIO pin] [1/0]
For more details about GPIOs alternate functions refer to the AT Command Data Package user manual.
All GPIOs are capable of sinking and sourcing 4 mA of I/O current.
6.4
Reset circuit
Two types of system reset circuits are detailed below.
The maximum voltage that can be supplied to the RESET pin is 3.6V, but it is suggested to use 1.8V VDD voltage,
as there is an internal pull-up resistor to VDD. As shown in Figure 9. Simple external reset circuit and Figure
10. Host controlled reset circuit the RESET is active low, in the absence of a reset circuit the pin is internally
pulled up and therefore inactive.
SPBT3.0DP2
GPIO interface
DS11599 - Rev 7
page 15/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com