Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT3.0DP2 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPBT3.0DP2 Datasheet HTML 12Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 13Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 14Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 15Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 16Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 17Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 18Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 19Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
6.4.1
Simple external reset circuit
The figure below shows a simple push-button reset circuit.
Figure 9. Simple external reset circuit
Note: RPU ranges from 30 kΩ to 50 kΩ internally provided.
6.4.2
Host controlled reset circuit
The figure below shows a typical host controlled reset circuit.
Figure 10. Host controlled reset circuit
Note:
RPU ranges from 30 kΩ to 50 kΩ internally.
The host reset resistor should be from 1 kΩ to 10 kΩ
6.5
External LPO input circuit
An optional external LPO may be connected to the PIN 15 of the module to allow lower power consumption in
Deep sleep and Sniff modes.
SPBT3.0DP2
External LPO input circuit
DS11599 - Rev 7
page 16/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com