Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT3.0DP2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPBT3.0DP2 Datasheet HTML 19Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 20Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 21Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 22Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 23Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 24Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 25Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 26Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
2.
this device must accept any interference received, including any interference that may cause undesired
operation.
8.2.2
Product manual instructions for IC compliance
This section applies to OEM final products containing the SPBT3.0DP2 module, subject to IC compliance. The
final product manual must contain the following statement (or a similar statement that conveys the same
meaning):
Warning: Changes or modifications not expressly approved by the party responsible for compliance
could void the user's authority to operate the equipment. (RSS-210)
In cases where an OEM seeks Class B (residential) limits for the final product, the following statement must be
included in the final product manual:
Note: This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to
RSS-210 of the IC Rules. These limits are designed to provide reasonable protection against harmful interference
in a residential installation. This equipment generates, uses and can radiate radio frequency energy and, if not
installed and used in accordance with the instructions, may cause harmful interference to radio communications.
However, there is no guarantee that interference will not occur in a particular installation. If this equipment does
cause harmful interference to radio or television reception, which can be determined by turning the equipment off
and on, the user is encouraged to try to correct the interference by one or more of the following measures:
•
Reorient or relocate the receiving antenna.
•
Increase the separation between the equipment and receiver.
•
Connect the equipment into an outlet on a circuit different from that to which the receiver is connected.
•
Consult the dealer or an experienced radio/TV technician for help.
In cases where an OEM seeks the lesser category of a Class A digital device for the final product, the following
statement must be included in the final product manual:
Note: This equipment has been tested and found to comply with the limits for a Class A digital device, pursuant to
RSS-210 of the IC Rules. These limits are designed to provide reasonable protection against harmful interference
when the equipment is operated in a commercial environment. This equipment generates, uses, and can radiate
radio frequency energy and, if not installed and used in accordance with the instruction manual, may cause
harmful interference to radio communications. Operation of this equipment in a residential area is likely to cause
harmful interference in which case the user will be required to correct the interference at his expense.
8.3
Bluetooth certification
Module with embedded stack and profile has been qualified according to SIG qualification rules:
•
Bluetooth SIG Declaration ID: D031101 (subset QDID 84049)
•
Qualified Design ID (QDID): 81857
•
Product type: End Product
•
Core spec version: 3.0
•
Product descriptions: Bluetooth module, spec V3.0
8.4
CE certification
The module has been certified according to the following certification rules:
•
EN 300 328 V 2.1.1 (2016 11) (a)
•
ETSI EN 301 489-17 V3.1.1 (2017-02) (b)
•
ETSI EN 301 489-1 V2.1.1 (2017-02) (c)
•
EN 60950-1:2006 + A11:2009 + A1:2010 + A12:2011 + A2:2013 (d)
•
EN 62479:2010
a) EN 300 328 V 2.1.1 (2016 11): “electromagnetic compatibility and radio spectrum Matters (ERM); Wideband
transmission systems; data transmission equipment operating in the 2.4 GHZ ISM band and using wideband
modulation techniques; harmonized EN covering essential requirements under article 3.2 of the R&TTE directive”.
SPBT3.0DP2
Bluetooth certification
DS11599 - Rev 7
page 23/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com