Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT3.0DP2 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPBT3.0DP2 Datasheet HTML 13Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 14Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 15Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 16Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 17Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 18Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 19Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 20Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
LPO parameters:
•
Frequency: 32.768 KHz
•
Tolerance: +/- 150 ppm typical, +/- 250 maximum
•
Absolute maximum supplied voltage at LPO pin: +1.8 V
•
VIL min/max = 0 V/+0.5 V
•
VIH min/max = +1.47 V/+1.8 V
•
Input capacitance: 2.5 pF maximum
By default the 32 KHz is internally generated and is output on the LPO pin of the module. In order to enable the
use of external low power oscillator, the UseExtLPO variable has to be set to TRUE (refer to the Data Package
user manual for details), possibly at first power on of the board to avoid conflict in case external LPO output has
no enabling control. STM small footprint device M41T62LC6F can be used. Its LPO output can be disabled
through I2C interface.
6.6
MFi co-processor interface
A specific MFi co-processor is needed to enable iAP2 profile for connection with Apple devices. The MFi co-
processor component details are available for licensed MFi developers from the MFi program.
The MFi co-processor can be connected to the module through the I2C pins. External pull-up resistors are
needed on both lines.
The Data Package firmware handles the communication with the MFi co-processor.
SPBT3.0DP2
MFi co-processor interface
DS11599 - Rev 7
page 17/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com