Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H750VB Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 55Page - STMicroelectronics STM32H750VB Datasheet HTML 56Page - STMicroelectronics STM32H750VB Datasheet HTML 57Page - STMicroelectronics STM32H750VB Datasheet HTML 58Page - STMicroelectronics STM32H750VB Datasheet HTML 59Page - STMicroelectronics STM32H750VB Datasheet HTML 60Page - STMicroelectronics STM32H750VB Datasheet HTML 61Page - STMicroelectronics STM32H750VB Datasheet HTML 62Page - STMicroelectronics STM32H750VB Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 335 page
background image
DS12556 Rev 5
59/334
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Pin descriptions
93
Table 7. STM32H750xB pin/ball definition
Pin/ball name
Pin name
(function after
reset)
Alternate functions
Additional
functions
1
1
A2
1
C3
PE2
I/O
FT_h
-
TRACECLK, SAI1_CK1,
SPI4_SCK, SAI1_MCLK_A,
SAI4_MCLK_A,
QUADSPI_BK1_IO2, SAI4_CK1,
ETH_MII_TXD3, FMC_A23,
EVENTOUT
-
2
2
A1
2
D3
PE3
I/O
FT_h
-
TRACED0, TIM15_BKIN,
SAI1_SD_B, SAI4_SD_B,
FMC_A19, EVENTOUT
-
3
3
B1
3
D2
PE4
I/O
FT_h
-
TRACED1, SAI1_D2,
DFSDM1_DATIN3, TIM15_CH1N,
SPI4_NSS, SAI1_FS_A,
SAI4_FS_A, SAI4_D2, FMC_A20,
DCMI_D4, LCD_B0, EVENTOUT
-
4
4
B2
4
D1
PE5
I/O
FT_h
-
TRACED2, SAI1_CK2,
DFSDM1_CKIN3, TIM15_CH1,
SPI4_MISO, SAI1_SCK_A,
SAI4_SCK_A, SAI4_CK2,
FMC_A21, DCMI_D6, LCD_G0,
EVENTOUT
-
5
5
B3
5
E5
PE6
I/O
FT_h
-
TRACED3, TIM1_BKIN2,
SAI1_D1, TIM15_CH2,
SPI4_MOSI, SAI1_SD_A,
SAI4_SD_A, SAI4_D1,
SAI2_MCLK_B,
TIM1_BKIN2_COMP12,
FMC_A22, DCMI_D7, LCD_G1,
EVENTOUT
-
-
-
H10
-
A1
VSS
S
-
-
-
-
--
-
-
-
VDD
S
-
-
-
-
66
C1
6
B1
VBAT
S
-
-
-
-
-
-
J6
-
B2
VSS
S
-
-
-
-
-
-
D2
7
E4
PI8
I/O
FT
-
EVENTOUT
RTC_
TAMP2/
WKUP3
7
7
D1
8
E3
PC13
I/O
FT
-
EVENTOUT
RTC_
TAMP1/
RTC_TS/
WKUP2
-
-
J7
-
B6
VSS
S
-
-
-
-
88
E1
9
C2
PC14-
OSC32_IN
(OSC32_IN)(1)
I/O
FT
-
EVENTOUT
OSC32_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com