Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H750VB Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 73Page - STMicroelectronics STM32H750VB Datasheet HTML 74Page - STMicroelectronics STM32H750VB Datasheet HTML 75Page - STMicroelectronics STM32H750VB Datasheet HTML 76Page - STMicroelectronics STM32H750VB Datasheet HTML 77Page - STMicroelectronics STM32H750VB Datasheet HTML 78Page - STMicroelectronics STM32H750VB Datasheet HTML 79Page - STMicroelectronics STM32H750VB Datasheet HTML 80Page - STMicroelectronics STM32H750VB Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 335 page
background image
DS12556 Rev 5
77/334
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Pin descriptions
93
95
139
A5
167
D5
PB8
I/O
FT_fh
-
TIM16_CH1, TIM4_CH3,
DFSDM1_CKIN7, I2C1_SCL,
I2C4_SCL, SDMMC1_CKIN,
UART4_RX, FDCAN1_RX,
SDMMC2_D4, ETH_MII_TXD3,
SDMMC1_D4, DCMI_D6,
LCD_B6, EVENTOUT
-
96
140
B4
168
D4
PB9
I/O
FT_fh
-
TIM17_CH1, TIM4_CH4,
DFSDM1_DATIN7, I2C1_SDA,
SPI2_NSS/I2S2_WS, I2C4_SDA,
SDMMC1_CDIR, UART4_TX,
FDCAN1_TX, SDMMC2_D5,
I2C4_SMBA, SDMMC1_D5,
DCMI_D7, LCD_B7, EVENTOUT
-
97
141
A4
169
C4
PE0
I/O
FT_h
-
LPTIM1_ETR, TIM4_ETR,
HRTIM_SCIN, LPTIM2_ETR,
UART8_RX,
FDCAN1_RXFD_MODE,
SAI2_MCLK_A, FMC_NBL0,
DCMI_D2, EVENTOUT
-
98
142
A3
170
B4
PE1
I/O
FT_h
-
LPTIM1_IN2, HRTIM_SCOUT,
UART8_TX,
FDCAN1_TXFD_MODE,
FMC_NBL1, DCMI_D3,
EVENTOUT
-
-
-
-
-
A7
VCAP
S
-
-
-
-
99
-
D5
-
-
VSS
S
-
-
-
-
-
143
C6
171
E7
PDR_ON
I
FT
-
-
-
-
-
-
-
A6
VDDLDO
S
-
-
-
-
100
144
C5
172
-
VDD
S
-
-
-
-
-
-
D4
173
A4
PI4
I/O
FT_h
-
TIM8_BKIN, SAI2_MCLK_A,
TIM8_BKIN_COMP12,
FMC_NBL2, DCMI_D5, LCD_B4,
EVENTOUT
-
-
-
C4
174
A3
PI5
I/O
FT_h
-
TIM8_CH1, SAI2_SCK_A,
FMC_NBL3, DCMI_VSYNC,
LCD_B5, EVENTOUT
-
-
-
C3
175
A2
PI6
I/O
FT_h
-
TIM8_CH2, SAI2_SD_A,
FMC_D28, DCMI_D6, LCD_B6,
EVENTOUT
-
-
-
C2
176
B3
PI7
I/O
FT_h
-
TIM8_CH3, SAI2_FS_A,
FMC_D29, DCMI_D7, LCD_B7,
EVENTOUT
-
Table 7. STM32H750xB pin/ball definition (continued)
Pin/ball name
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com